Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 35Page - STMicroelectronics AN3985 Datasheet HTML 36Page - STMicroelectronics AN3985 Datasheet HTML 37Page - STMicroelectronics AN3985 Datasheet HTML 38Page - STMicroelectronics AN3985 Datasheet HTML 39Page - STMicroelectronics AN3985 Datasheet HTML 40Page - STMicroelectronics AN3985 Datasheet HTML 41Page - STMicroelectronics AN3985 Datasheet HTML 42Page - STMicroelectronics AN3985 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
AN3985
ISO/IEC 15693 layer
Doc ID 022255 Rev 2
39/105
ISO15693_Read_Single_Block function
This function sends, through the CR95HF, a read single block command to the contactless
tag in the field.
ISO15693_Write_Single_Block function
This function sends, through the CR95HF, a write single block command to the contactless
tag in the field.
Note:
According to ISO/IEC 15693 specification, the WriteSingleBlock command supports the
Option Flag.
If the Option_flag is not set, the contactless tag shall return its response when it has
completed the write operation.
If it is set, the contactless tag waits for an EOF pulse from the CR95HF.
Table 53.
ISO15693_Read_Single_Block function description
Prototype
u8 ISO15693_Read_Single_Block(ISO15693_Tag* MyTag,
const u8 Request_flags, const u8* Tag_UID, const u8
Block_number)
Input parameter
Request_flags: Specifies the actions to be performed by the contactless tag
and whether corresponding fields are present or not (1).
Tag_UID: pointer on the UID (optional)
block_number: address of the block to read
1.
The Address flag indicates if Tag_UID field will be added to the command (addressed mode).
Output parameter
MyTag: pointer on the structure that stores the data read from the tag
Return parameter
ISO15693_COMMAND_ERROR_CODE:The command failed. Either there is
no tag or the tag did not manage to perform the request.
ISO15693_ERROR_REQUEST_FLAGS_CODE: The inventory flag is set.
ISO15693_COMMAND_SUCCESS_CODE: Tag answered the command.
Table 54.
ISO15693_Write_Single_Block function description
Prototype
u8 ISO15693_Write_Single_Block(ISO15693_Tag* MyTag,
const u8 Request_flags, const u8* Tag_UID, const u8
Block_number,const u8 Block_Length, const u8* Data)
Input parameter
Request_flags: Specifies the actions to be performed by the contactless tag
and whether corresponding fields are present or not (1).
Tag_UID: pointer on the UID (optional)
block_number: address of the block to read
Block_Length: number of bytes in a block
Data: pointer to data to write into contactless tag memory
1.
The Address flag indicates if Tag_UID field will be added to the command (addressed mode).
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
ISO15693_ERROR_CODE: The command failed.
ISO15693_ERROR_PARAMETERS_REQUEST_FLAGS: There is an error
within the request flags parameters.
ISO15693_SUCCESS_CODE: The contactless tag answered the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com