Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 42Page - STMicroelectronics AN3985 Datasheet HTML 43Page - STMicroelectronics AN3985 Datasheet HTML 44Page - STMicroelectronics AN3985 Datasheet HTML 45Page - STMicroelectronics AN3985 Datasheet HTML 46Page - STMicroelectronics AN3985 Datasheet HTML 47Page - STMicroelectronics AN3985 Datasheet HTML 48Page - STMicroelectronics AN3985 Datasheet HTML 49Page - STMicroelectronics AN3985 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 105 page
background image
ISO/IEC 15693 layer
AN3985
46/105
Doc ID 022255 Rev 2
ISO15693_Custom_Commands function
This function sends, through the CR95HF, a custom command to the contactless tag in the
field or to an unique contactless tag designated by its UID. The user should add in
parameters all the data needed. Command size is limited to MAX_DATASENT_LENGTH.
ISO15693_SendEOF function
This function sends through the CR95HF an EOF pulse. This is used for Write Lock and
Inventory 16 slots commands to inform the contactless tag that it can answer now (Write
and Lock commands) or that a new slot is beginning (inventory 16 slots).
Table 67.
ISO15693_Custom_Commands function description
Prototype
u8 ISO15693_Custom_Commands(ISO15693_Tag* MyTag,
const u8 Request_flags, const u8 Custom, u8
IC_Mfg_Code, const u8 Parameters_Length, const u8*
Parameters)
Input parameter
Request_flags: Specifies the actions to be performed by the contactless tag and
whether corresponding fields are present or not (1).
Tag_UID: pointer on the UID (optional)
Custom: the custom command code
IC_Mfg_Code: the IC manufacturer code designating the manufacturer of the
contactless tag
Parameters_Length: length of parameters
Parameters: data to write
1.
The Address flag indicates if Tag_UID field will be added to the command (addressed mode).
Output parameter
MyTag: pointer on the structure that contains the CR95HF response
Return parameter
ISO15693_ERROR_CODE: The command failed.
ISO15693_ERROR_PARAMETERS_REQUEST_FLAGS: There is an error
within the request flags parameters.
ISO15693_SUCCESS_CODE: The contactless tag answered the command.
Table 68.
ISO15693_SendEOF function description
Prototype
u8 ISO15693_SendEOF(CR95HF_ResponseReceiving*
Response);
Input parameter
None
Output parameter
pResponse: pointer to the CR95HF response
Return parameter
ISO15693_ERROR_CODE: The command failed.
ISO15693_ERROR_PARAMETERS_REQUEST_FLAGS: There is an error
within the request flags parameters.
ISO15693_SUCCESS_CODE: The contactless tag answered the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com