Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3985 Datasheet(PDF) 102 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 97Page - STMicroelectronics AN3985 Datasheet HTML 98Page - STMicroelectronics AN3985 Datasheet HTML 99Page - STMicroelectronics AN3985 Datasheet HTML 100Page - STMicroelectronics AN3985 Datasheet HTML 101Page - STMicroelectronics AN3985 Datasheet HTML 102Page - STMicroelectronics AN3985 Datasheet HTML 103Page - STMicroelectronics AN3985 Datasheet HTML 104Page - STMicroelectronics AN3985 Datasheet HTML 105Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 105 page
background image
Application example
AN3985
102/105
Doc ID 022255 Rev 2
Table 151.
Board STM8L-1528Eval Specific I/Os
Pin
Name
Direction
Configuration
DDR
CR1
CR2
PI3
LCD MISO
Input
Floating
No interrupt
PI2
LCD MOSI
Output
Push-Pull
10 MHz
PI1
LCD SCK
Output
Push-Pull
10 MHz
PF2
LCD NSS
Output
Open Drain
2 MHz
PG0 - PG4
Joystick
Input
Floating
No interrupt
PH0 - PH3
LED
Output
Push-Pull
2 MHz
PC1
I2C SDA
Input
Pull-up
No interrupt
PC0
I2C SCL
Input
Pull-up
No interrupt
Table 152.
Board STM8L-Discovery Board Specific I/Os
Pin
Name
Direction
Configuration
DDR
CR1
CR2
PC7
Blue LED
Output
Push-Pull
2 MHz
PE7
Green LED
Output
Push-Pull
2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com