Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 6Page - STMicroelectronics UM1759 Datasheet HTML 7Page - STMicroelectronics UM1759 Datasheet HTML 8Page - STMicroelectronics UM1759 Datasheet HTML 9Page - STMicroelectronics UM1759 Datasheet HTML 10Page - STMicroelectronics UM1759 Datasheet HTML 11Page - STMicroelectronics UM1759 Datasheet HTML 12Page - STMicroelectronics UM1759 Datasheet HTML 13Page - STMicroelectronics UM1759 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Hardware description
UM1759
10/50
DocID026279 Rev 1
3
Hardware description
The hardware supported includes:
• STEVAL-IKR002Vx
• STEVAL-IKR001Vx
• STEVAL-IDS001Vx
where x = 2, 3, 4, and 5.
3.1
STEVAL-IKR002Vx (RF motherboard)
The STM32L microcontroller on the RF motherboard drives the SPIRIT1 transceiver and
communicates with PCs via USB.
A connector on the motherboard (Figure 8) allows JTAG interface access for programming
and debugging. The board can be powered through a mini-USB connector that may also be
used for I/O interaction with a USB Host. The board also has a user button, a joystick and
RESET button for user interaction. A temperature sensor and accelerometer are included
on the board. The RF module can be connected easily via a dedicated interface.
The features available on the boards include:
•
STM32L151RBT6 64-pin microcontroller
•
Mini USB connector for power supply and I/O
•
JTAG connector
•
RF daughterboard interface
•
One RESET button and one USER button
•
One LIS3DH accelerometer
•
One STLM75 temperature sensor
•
One joystick
•
5 LEDs
•
One PWR LED
•
One battery holder for 2 AAA batteries
•
One row of test points on the interface with the RF daughterboard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com