Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 9Page - STMicroelectronics UM1759 Datasheet HTML 10Page - STMicroelectronics UM1759 Datasheet HTML 11Page - STMicroelectronics UM1759 Datasheet HTML 12Page - STMicroelectronics UM1759 Datasheet HTML 13Page - STMicroelectronics UM1759 Datasheet HTML 14Page - STMicroelectronics UM1759 Datasheet HTML 15Page - STMicroelectronics UM1759 Datasheet HTML 16Page - STMicroelectronics UM1759 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
DocID026279 Rev 1
13/50
UM1759
Hardware description
50
The band is indicated by a dummy resistor on the board (area A in Figure 9). An SMA
connector on the RF module (area B in Figure 9) allows connection with RF instruments like
spectrum analyzers and signal generators to the SPIRIT1 by RF cable, or connection with
an antenna like the one included in the demo kit. The board is powered by the RF
motherboard through the RF daughterboard connector (area D in Figure 9) and
communicates with the microcontroller through this connector via SPI and some GPIOs.
The Vcc_RF pin of the RF daughterboard connector is linked to the Vbat of the SPIRIT1
through a jumper that can also be removed to measure current consumption (area C in
Figure 9).
The RF module includes a memory EEPROM with RF module data stored at the time of
manufacture. The information is stored in the first pages of the EEPROM and the memory
may not be changed by user.
Figure 9. STEVAL-IKR002Vx (RF module)
3.2.1
Boost mode
The SPIRIT1 can be configured to increase the output power in transmission mode.
In the default configuration, the transmitter power amplifier (PA) output is biased by the
1.4 V SMPS voltage output through the L0 external inductor (position D0 in the schematic,
Figure 10). This limits the maximum output power to about +11 dBm, measured at the
50 Ohm connector via the reference design.
Biasing the PA output through the inductor L0 directly connected to the battery instead of
the SMPS output increases the maximum output power delivered at the 50 Ohm connector
(or at the antenna). The maximum output power changes with the voltage level applied at
the PA output.
To switch to boost mode, the inductor L0 must be removed from position 1-2 D0 in the
schematic and soldered at position 1-3 D0, then the voltage supply Vcc_RF must be
provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com