Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 29Page - STMicroelectronics UM1759 Datasheet HTML 30Page - STMicroelectronics UM1759 Datasheet HTML 31Page - STMicroelectronics UM1759 Datasheet HTML 32Page - STMicroelectronics UM1759 Datasheet HTML 33Page - STMicroelectronics UM1759 Datasheet HTML 34Page - STMicroelectronics UM1759 Datasheet HTML 35Page - STMicroelectronics UM1759 Datasheet HTML 36Page - STMicroelectronics UM1759 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
DocID026279 Rev 1
33/50
UM1759
Wireless M-Bus firmware APIs
50
Table 46. WM-Bus encrypts PDU routine
Name
encrypt_pdu
Parameters
u32 *exp_key : expended key address
unsigned char * plain: input plain data address
int len: length
unsigned char * cipher: output cipher data address
Description
This routine Encrypts the incoming stream
Return type
None
Table 47. WM-Bus encrypts PDU CBC routine
Name
encrypt_pdu_cbc
Parameters
u32 *exp_key : expended key address
unsigned char * plain: input plain data address
int len: length
unsigned char * cipher: output cipher data address
Description
Encrypts the incoming stream using AES-CBC algorithm
Return type
None
Table 48. WM-Bus decrypts PDU CBC routine
Name
decrypt_pdu_cbc
Parameters
u32 *exp_key : expended key address
unsigned char * cipher: output cipher data address
int len: length
unsigned char * plain: input plain data address
Description
Decrypts the incoming stream
Return type
None
Table 49. WM-Bus application encryption routine
Name
WMBus_AppliEncrypt
Parameters
u32 *exp_key : expended key address
unsigned char * plain: input plain data address
int len: length
unsigned char * cipher: output cipher data address
Description
This routine does key expansion before encryption starts
Return type
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com