Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 21Page - STMicroelectronics UM1759 Datasheet HTML 22Page - STMicroelectronics UM1759 Datasheet HTML 23Page - STMicroelectronics UM1759 Datasheet HTML 24Page - STMicroelectronics UM1759 Datasheet HTML 25Page - STMicroelectronics UM1759 Datasheet HTML 26Page - STMicroelectronics UM1759 Datasheet HTML 27Page - STMicroelectronics UM1759 Datasheet HTML 28Page - STMicroelectronics UM1759 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
DocID026279 Rev 1
25/50
UM1759
Wireless M-Bus firmware APIs
50
Description
This function will return the WMBus frame format
Return type
FrameFormatType_t
Table 9. WM-Bus application get group attribute routine
Name
WMBus_AppliGetGroupAttr
Parameters
uint8_t groupid: The group ID
Description
This function will return the number of meters in the group
Return type
uint16_t: The number of meters in the group
Table 10. WM-Bus application get group members routine
Name
WMBus_AppliGetGroupMembers
Parameters
MeterDatabase_t *pdatabase:The pointer to the array of MeterDatabase_t
type
uint8_t groupid:group ID
Description
This function will fill update the meter ID and Group ID in the parameter
passed and also return the number of meters in the database
Return type
uint16_t: The number of the meters in the database
Table 11. WM-Bus application get meter list routine
Name
WMBus_AppliGetMeterList
Parameters
MeterDatabase_t *pdatabase:The pointer to the array of MeterDatabase_t
type
Description
This function will fill update the meter ID and Group ID in the parameter
passed and also return the number of meters in the database
Return type
uint16_t: The number of the meters in the database.
Table 12. WM-Bus application get operation mode routine
Name
WMBus_AppliGetOperationMode
Parameters
None
Description
This function will RETURN the current operation mode
Return type
WMBusOperationMode_t
Table 8. WM-Bus application get frame format routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com