Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 35Page - STMicroelectronics UM1759 Datasheet HTML 36Page - STMicroelectronics UM1759 Datasheet HTML 37Page - STMicroelectronics UM1759 Datasheet HTML 38Page - STMicroelectronics UM1759 Datasheet HTML 39Page - STMicroelectronics UM1759 Datasheet HTML 40Page - STMicroelectronics UM1759 Datasheet HTML 41Page - STMicroelectronics UM1759 Datasheet HTML 42Page - STMicroelectronics UM1759 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
DocID026279 Rev 1
39/50
UM1759
Running the Wireless M-Bus application
50
Figure 22. Selecting configuration
5.
Flash the concentrator board using WMBUS_SDK workspace. The two configuration
available for concentrator are:
a)
SPIRIT1_wmbus-gui-169: Concentrator FW for 169 MHz frequency band
b)
SPIRIT1_wmbus-gui-868: Concentrator FW for 868 MHz frequency band
6.
Make sure that meter and concentrator devices are programmed with same
configuration i.e. if meter is programmed with 169 MHz configuration then same
configuration should be used at concentrator side also.
7.
Connect the concentrator to WMBus PC GUI: WMBus & Sniffer for SPIRIT1. Follow
steps described in section 4.4 to use GUI.
8.
Different meter types are supported in WMBus. For example:
a)
Electricity meter=0x02
b)
Gas meter=0x03
c)
Heat meter=0x04 and so on.
User can set meter type using following: “Project tab -> Options -> C/C++ Compiler ->
Preprocessor” option.
Table 57. Wireless M-Bus frequency band vs. modes
Mode
Communication
Frequency band to choose
S1
Unidirectional
868 MHz
S1-m
Unidirectional
868 MHz
S2
Bidirectional
868 MHz
T1
Unidirectional
868 MHz
T2
Bidirectional
868 MHz
R2
Bidirectional
868 MHz
N1
Unidirectional
169 MHz
N2
Bidirectional
169 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com