Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1759 Datasheet HTML 1Page - STMicroelectronics UM1759 Datasheet HTML 2Page - STMicroelectronics UM1759 Datasheet HTML 3Page - STMicroelectronics UM1759 Datasheet HTML 4Page - STMicroelectronics UM1759 Datasheet HTML 5Page - STMicroelectronics UM1759 Datasheet HTML 6Page - STMicroelectronics UM1759 Datasheet HTML 7Page - STMicroelectronics UM1759 Datasheet HTML 8Page - STMicroelectronics UM1759 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
DocID026279 Rev 1
5/50
UM1759
Description
50
ST Ultra Low Power MCU: EnergyLite™ Family
The EnergyLite™ family of 8-bit (STM8L) and 32-bit (STM32L) MCUs are designed to meet
the high-performance and energy-efficiency requirements of typically battery-powered gas,
water, and heat meters in the WM-Bus scenario.
The STM8L and STM32L devices offer specific features for ultra-low power applications,
including advanced ultra-low power modes, optimized dynamic run consumption and
special safety features.
The ultra-low-power EnergyLite™ platform is based on the STMicroelectronics 130 nm
ultra-low-leakage process technology, sharing common technology, architecture and
peripherals.
The STM32 L1 series, based on ARM® Cortex™-M3, extends the ultra-low power concept
without compromising performance. More than just ultra-low-power MCUs, the STM32 L1
series offers a wide portfolio of features, memory sizes and package pin counts: from 32 to
384 Kbytes of Flash memory (with up to 48 Kbytes of RAM and 12 Kbytes of true embedded
EEPROM), and from 48 to 144 pins.
The innovative architecture (with voltage scaling and ultra-low-power MSI oscillator) adds
performance to design solutions requiring a very low power budget. The large number of
embedded peripherals (USB, LCD interface, op amp, comparator, ADC with fast on/off
mode, DAC, capacitive touch and AES), means that the STM32 L1 series is an expandable
platform able to satisfy all application requirements.
The STMicroelectronics WM-Bus application
layer is explained in this user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com