Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 28Page - STMicroelectronics UM1759 Datasheet HTML 29Page - STMicroelectronics UM1759 Datasheet HTML 30Page - STMicroelectronics UM1759 Datasheet HTML 31Page - STMicroelectronics UM1759 Datasheet HTML 32Page - STMicroelectronics UM1759 Datasheet HTML 33Page - STMicroelectronics UM1759 Datasheet HTML 34Page - STMicroelectronics UM1759 Datasheet HTML 35Page - STMicroelectronics UM1759 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Wireless M-Bus firmware APIs
UM1759
32/50
DocID026279 Rev 1
4.1.4
AES128_ctr.c: functions description
The list of encryption layer (which is also part of application layer) routines is given below as
described in aes128_ctr.c.
Table 42. WM-Bus AES key schedule for decryption routine
Name
AES_keyschedule_dec
Parameters
u32* key: user key
u32* exp: expanded key
Description
This routine computes the expanded key (expkey) according to key for
AES128 decryption
Return type
None
Table 43. WM-Bus add counter routine
Name
add_counter
Parameters
u32 *ctr : counter address
Description
This routine increment counter by one upon encryption of each block
Return type
None
Table 44. WM-Bus bit-wise XOR routine
Name
bitwise_xor
Parameters
unsigned char *ina: input block a address
unsigned char *inb: input block b address
unsigned char *out : output block address
Description
This routine is for implementing XOR operation of blocks
Return type
None
Table 45. WM-Bus decrypts PDU routine
Name
decrypt_pdu
Parameters
u32 *exp_key : expended key address
unsigned char *cipher: input cipher data address
int len: length
unsigned char *plain: output plain data address
Description
This routine decrypts the incoming stream
Return type
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com