Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 10Page - STMicroelectronics UM1759 Datasheet HTML 11Page - STMicroelectronics UM1759 Datasheet HTML 12Page - STMicroelectronics UM1759 Datasheet HTML 13Page - STMicroelectronics UM1759 Datasheet HTML 14Page - STMicroelectronics UM1759 Datasheet HTML 15Page - STMicroelectronics UM1759 Datasheet HTML 16Page - STMicroelectronics UM1759 Datasheet HTML 17Page - STMicroelectronics UM1759 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Hardware description
UM1759
14/50
DocID026279 Rev 1
Figure 10. STEVAL-IKR002Vx (RF module) boost mode configuration
For more information see the application note AN4198 - SPIRIT1: increasing the output
power, available on the SPIRIT1 web site or in the document folder of this release.
3.3
STEVAL-IDS001Vx (SPIRIT1 USB dongle)
The STEVAL-IDS001Vx is a single board that includes the SPIRIT1 radio transceiver and
STM32L microcontroller.
A strip line can be soldered, in B Figure 11, allowing the access to the SWD interface for
programming and debugging and to the 4 GPIOs of the SPIRIT1. The board can be
powered through the USB connector, in A Figure 11, that can also be used for I/O
interaction with a USB Host. The board has also two user buttons for user interaction, in G
Figure 11.
This is the list of some of the features that are available on the module:
•
SPIRIT1 radio transceiver, in D Figure 11.
•
STM32L151CBU6 48-pin microcontroller, in C Figure 11.
•
USB connector for power supply and I/O, in A Figure 11.
•
One row of pins with SWD interface and SPIRIT1's GPIOs, in B Figure 11.
•
Chip antenna tuned for the entire bands supported (315 MHz, 433 MHz, 868 MHz and
915 MHz), in F Figure 11.
•
Two user buttons, in G Figure 11.
•
LEDs, in H Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com