Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1759 Datasheet HTML 1Page - STMicroelectronics UM1759 Datasheet HTML 2Page - STMicroelectronics UM1759 Datasheet HTML 3Page - STMicroelectronics UM1759 Datasheet HTML 4Page - STMicroelectronics UM1759 Datasheet HTML 5Page - STMicroelectronics UM1759 Datasheet HTML 6Page - STMicroelectronics UM1759 Datasheet HTML 7Page - STMicroelectronics UM1759 Datasheet HTML 8Page - STMicroelectronics UM1759 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Description
UM1759
4/50
DocID026279 Rev 1
1
Description
The Wireless M-Bus standard is defined by European Standard EN 13757-4 for physical
and data link layers, while the application layer is defined by EN 13757-3.
The different types of devices are:
1.
Meters
2.
Concentrators/Read-out devices
3.
Routers
The standard defines the communication between remote meters and mobile readout
devices, stationary receivers, data collectors, etc. A typical application scenario is shown
below:
Figure 2. Final application scenario
STMicroelectronics has developed a Wireless M-Bus firmware stack implementation based
on its proprietary dual chip platform: the new SPIRIT1 RF Sub-1 GHz transceiver and the
STM32L15 ultra-low-power ARM Cortex-M3 microcontroller.
SPIRIT1:
The SPIRIT1 device is a very low-power, high performance RF transceiver intended for RF
wireless applications in the sub-1 GHz band. It is designed to operate at 169, 315, 433, 868,
and 915 MHz frequencies, and supports the following modulations: 2-FSK, GFSK, MSK,
OOK, and ASK. The air data rate is programmable from 1 to 500 kbps, depending on the
selected modulation.
It has an integrated SMPS for very low power consumption: 9 mA in Rx and 21 mA in Tx
mode at +11 dBm.
It uses a very small number of discrete external components and integrates a configurable
baseband modem which supports data management, modulation and demodulation. Data
management supports our proprietary, fully-programmable packet format, as well as the M-
Bus standard compliance format (all performance classes).
The SPIRIT1 is the native HW supporting the low level of the WM-Bus PHY protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com