Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 27Page - STMicroelectronics UM1759 Datasheet HTML 28Page - STMicroelectronics UM1759 Datasheet HTML 29Page - STMicroelectronics UM1759 Datasheet HTML 30Page - STMicroelectronics UM1759 Datasheet HTML 31Page - STMicroelectronics UM1759 Datasheet HTML 32Page - STMicroelectronics UM1759 Datasheet HTML 33Page - STMicroelectronics UM1759 Datasheet HTML 34Page - STMicroelectronics UM1759 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
DocID026279 Rev 1
31/50
UM1759
Wireless M-Bus firmware APIs
50
4.1.3
AES128.c: functions description
The list of encryption layer (which is also part of application layer) routines is given below as
described in aes128_ctr.c.
Description
This function will put the radio in standby state
Return type
None
Table 38. WM-Bus application get EEPROM entries routine
Name
WMBus_AppliGetEEpromEntries
Parameters
None
Description
This function will read and send all meter entry in EEPROM of concentrator
database to GUI
Return type
uint8_t*: ptr to the buffer returned
Table 39. WM-Bus application write meter database in EEPROM routine
Name
Write_Meter_DB_EEPROM
Parameters
None
Description
This function will write meter database to EEPROM
Return type
uint8_t*: ptr to the buffer returned
Table 37. WM-Bus application radio stand-by routine
Table 40. WM-Bus AES decryption routine
Name
AES_decrypt
Parameters
u32* input_pointer, u32* output_pointer
u32* expkey: decryption key
Description
This routine Decrypts one block of 16 bytes
Return type
None
Table 41. WM-Bus AES encryption routine
Name
AES_encrypt
Parameters
u32* input_pointer, u32* output_pointer
u32* expkey: encryption key
Description
This routine Encrypts one block of 16 bytes
Return type
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com