Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 20Page - STMicroelectronics UM1759 Datasheet HTML 21Page - STMicroelectronics UM1759 Datasheet HTML 22Page - STMicroelectronics UM1759 Datasheet HTML 23Page - STMicroelectronics UM1759 Datasheet HTML 24Page - STMicroelectronics UM1759 Datasheet HTML 25Page - STMicroelectronics UM1759 Datasheet HTML 26Page - STMicroelectronics UM1759 Datasheet HTML 27Page - STMicroelectronics UM1759 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Wireless M-Bus firmware APIs
UM1759
24/50
DocID026279 Rev 1
4.1.2
WMBus_Appli.c: functions description
The list of application layer routines is given below as described in wmbus_appli.c.
Table 4. WM-Bus Application layer files
Filename
Description
wmbus_appli.c
This file includes routines for WMBus application Layer
wmbus_appli.h
This file contains header for wmbus_appli.c
aes128.h
This file includes header for aes128
aes128.c
This file contains AES 128-bit key main program body
aes128_ctr.c
This file contains the aes-ctr and aes-cbc program body
Wmbus_phydatamem.c This function contains routine for DATA EEPROM read and write of MCU
Wmbus_phydatamem.h This function contains the header for Wmbus_phydatamem.c
Table 5. WM-Bus application add meter routine
Name
WMBus_AppliAddMeter
Parameters
WMBusDatabaseFrame_t databaseFrame:The meter parameters
Description
This function will add meter to the database
Return type
SpiritBool: (S_TRUE or S_FALSE)
Table 6. WM-Bus application delete meter routine
Name
WMBus_AppliDeleteMeter
Parameters
uint64_t meterid: The meter ID
Description
This function will delete the meter from the database
Return type
SpiritBool: (S_TRUE or S_FALSE)
Table 7. WM-Bus application get encryption key routine
Name
WMBus_AppliGetEncryptKey
Parameters
EncryptionKey_t *keydata: The pointer to Encryption key string
Description
This function will return the encryption key
Return type
None
Table 8. WM-Bus application get frame format routine
Name
WMBus_AppliGetFrameFormat
Parameters
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com