Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 23Page - STMicroelectronics UM1759 Datasheet HTML 24Page - STMicroelectronics UM1759 Datasheet HTML 25Page - STMicroelectronics UM1759 Datasheet HTML 26Page - STMicroelectronics UM1759 Datasheet HTML 27Page - STMicroelectronics UM1759 Datasheet HTML 28Page - STMicroelectronics UM1759 Datasheet HTML 29Page - STMicroelectronics UM1759 Datasheet HTML 30Page - STMicroelectronics UM1759 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
DocID026279 Rev 1
27/50
UM1759
Wireless M-Bus firmware APIs
50
Table 18. WM-Bus application read meter attribute routine
Name
WMBus_AppliReadMeterAttr
Parameters
uint64_t MeterIDTemp The meter ID database
uint8_t *tempBuff: The uint8_t array that contains the Board MFR ID
Description
This function will return the board Manufacturer
ID(MFR+IDENTIFICATION) and encryption key
Return type
LINK_STATUS
Table 19. WM-Bus application received data handler routine
Name
WMBus_AppliRxDataHandler
Parameters
Frame frame: The pointer to the link frame.
Description
This function will handle the received data from the link layer.
Return type
None
Table 20. WM-Bus application send meter data routine
Name
WMBus_AppliSendMeterData
Parameters
uint8_t *buff, uint8_t length
Description
This function will send Meter Data to concentrator.
Return type
LINK_STATUS
Table 21. WM-Bus application send meter installation request routine
Name
WMBus_appliSendMeterInstallationRequest
Parameters
None
Description
This function will handle the install meter request
Return type
LINK_STATUS
Table 22. WM-Bus application set encryption key routine
Name
WMBus_AppliSetEncryptKey
Parameters
EncryptionKey_t keydata: The Encryption key.
void *mfrID: The pointer to MFR IF+A-Field String.
Description
This function will set the Encryption key.
Return type
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com