Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 8Page - STMicroelectronics UM1759 Datasheet HTML 9Page - STMicroelectronics UM1759 Datasheet HTML 10Page - STMicroelectronics UM1759 Datasheet HTML 11Page - STMicroelectronics UM1759 Datasheet HTML 12Page - STMicroelectronics UM1759 Datasheet HTML 13Page - STMicroelectronics UM1759 Datasheet HTML 14Page - STMicroelectronics UM1759 Datasheet HTML 15Page - STMicroelectronics UM1759 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Hardware description
UM1759
12/50
DocID026279 Rev 1
3.1.5
Daughter board test point
A row of test points (area M in Figure 8) is available for debugging and testing. The available
signals are:
1.
GND
2.
VDD
3.
GPIO SDN (the pin to drive the SHUTDOWN for SPIRIT1)
4.
SPI CSn
5.
SPI MISO
6.
SPI MOSI
7.
SPI SCKL
8.
SPIRIT1 GPIO2
9.
SPIRIT1 GPIO3
10. SPIRIT1 GPIO1
11. SPIRIT1 GPIO0
12. GND
3.1.6
Push buttons and joystick
The board has two buttons, one to reset the microcontroller and the other is available to the
application, and a digital joystick with 4 possible positions (left, right, up, down) (area G in
Figure 8).
3.1.7
JTAG connector
A JTAG connector (area H in Figure 8) allows on-board programming and debugging of the
STM32L microcontroller using an in-circuit debugger and programmer like the ST-LINK/V2.
3.1.8
LEDs
Five LEDs are available (area I in Figure 8).
•
DL1: green
•
DL2: orange
•
DL3: red
•
DL4: blue
•
DL5: yellow
3.2
STEVAL-IKR002Vx (RF module)
The RF module includes 5 different possible BOM lists on the same PCB layout. Each one
is optimized for the following different RF bands:
•
169 MHz
•
315 MHz
•
433 MHz
•
868 MHz
•
915 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com