Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1759 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 15Page - STMicroelectronics UM1759 Datasheet HTML 16Page - STMicroelectronics UM1759 Datasheet HTML 17Page - STMicroelectronics UM1759 Datasheet HTML 18Page - STMicroelectronics UM1759 Datasheet HTML 19Page - STMicroelectronics UM1759 Datasheet HTML 20Page - STMicroelectronics UM1759 Datasheet HTML 21Page - STMicroelectronics UM1759 Datasheet HTML 22Page - STMicroelectronics UM1759 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
DocID026279 Rev 1
19/50
UM1759
Hardware description
50
Figure 14. STEVAL-IKR001Vx (RF motherboard)
3.4.2
STEVAL-IKR001Vx (RF module)
The RF module includes 5 different possible BOM lists, on the same layout PCB. Each one
optimized for different RF band as follow:
•
169 MHz
•
315 MHz
•
433 MHz
•
868 MHz
•
915 MHz
The band indication is reported with a dummy resistor on the board, in A Figure 15. A SMA
connector on the RF module, in B Figure 15, allows connection with RF instruments as
spectrum analyzer and signal generator to the SPIRIT1 by RF cable or also connect an
antenna as the one included in the demo kit. The board is powered through the RF
daughterboard connector, in D Figure 15, by the RF motherboard and communicates
through this connector by SPI and some GPIOs with the microcontroller.
The Vcc_RF pin of the RF daughterboard connector is linked to the Vbat of the SPIRIT1
through a jumper that can be also removed to measure the current consumption, in C
Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com