Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 52 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 52 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 48Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 49Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 50Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 51Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 52Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 53Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 54Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 55Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 56Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
52
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Note that changing the auto-exposure priority setting to CONSTANT_FRAME_RATE will
result in a 'restart' of the AE algorithm. This may result in a number of poorly exposed
frames.
Exposure Time (Absolute)
The exposure time (absolute) control is only active when auto-exposure is disabled (see
Auto-Exposure Mode). When auto-exposure is enabled, changes to exposure time (abso-
lute) will be rejected with EBUSY.
The default value of UVC_EXPOSURE_TIME_ABSOLUTE_CONTROL is undefined when
auto-exposure is enabled. In the event that auto-exposure is disabled, the default value
is the active exposure time at the time the change is made.
The permitted range of exposure times is dependent upon the current CamControl
configuration (pixel clock speed and sensor configuration). Attempts to set an exposure
time outside this range will be accepted, but clamped to the current minimum or
maximum. UVC_RESULT_STATUS will be set to ERANGE to indicate a clamp has
occurred.
The UVC_MANUAL_EXPOSURE_CONFIG variable configures whether the exposure
time can exceed the current frame interval (as set by UVC_FRAME_INTERVAL_CON-
TROL). The configuration variable also determines whether the host can set any expo-
sure time, or only multiples of the power line frequency period (to avoid flicker). Note
that any clamping of UVC_EXPOSURE_TIME_ABSOLUTE_CONTROL due to a frame
interval limitation, or a flicker avoidance limitation, is silent; UVC_RESULT_STATUS will
not be affected.
Variable
Name
Type
Default
0xCC04
VAR(0x13,0x0004)
UVC_EXPOSURE_TIME_ABSOLUTE_CONTRO
L
UINT32 Undefined until AE mode
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com