Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 64 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 64 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 60Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 61Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 62Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 63Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 64Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 65Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 66Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 67Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 68Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
64
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Figure 35:
AptiSync2 Hardware Connections
This auto-sync mode is enabled through the following control register. When enabled
the master device's GPIO/CHAIN pin and slave device's SADDR pin are used for inter-
sensor communication (UDI).
Table 18:
AUTOSYNC_MODE Register
Bit
Name
Default
Description
2Enable
0
0: Auto-sync function is disabled.
1: Auto-sync communication function is enabled.
The result of toggling this bit while the sensor is streaming is
UNDEFINED.
1Slave
0
0: Device is master
1: Device is slave
The result of toggling this bit while the sensor is streaming is
UNDEFINED.
0UDI
0
0: GPIO/CHAIN function assigned to GPIO/CHAIN pin
1: UDI function assigned to GPIO/CHAIN pin
The result of toggling this bit while the sensor is streaming is
UNDEFINED.
Host
GND
-L
(Master)
-R
I
2Cdevice= ID0
I
2Cdevice= ID1
Logic 1
Logic 1
SCLK
SDATA
SADDR
CLKIN
GP IO0
AS0260
SCLK
SDATA
SADDR
CLKIN
GP IO0
AS0260
AS0260
AS0260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com