Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 62 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 62 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 58Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 59Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 60Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 61Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 62Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 63Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 64Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 65Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 66Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
62
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
There is a single register to control this function, named CHAIN_CONTROL (R0x31FC).
This register is controlled by the host. The register field assignment is shown in Table 17.
Configuration
Before the multi-sync function can be used, each AS0260 in the daisy-chain must be
configured. This process is performed by the host with no involvement from AS0260
firmware. Configuration involves assigning a unique slave address to each AS0260 and
configuring the CHAIN_CONTROL register on each AS0260.
After reset (before configuration) the master AS0260 has its SADDR input wired to '0' and
all other AS0260 in the daisy-chain have their SADDR inputs driven to '1'. Therefore,
AS0260 Master will respond to slave address ID0 (associated with SADDR = 0) and all the
other AS0260 in the daisy-chain will respond simultaneously to slave address ID1. Each
AS0260 has its CHAIN pin configured as an input. This situation is shown in Figure 33.
The host configures each AS0260 in sequence, starting with the master and ending with
the farthest slave in the daisy-chain:
• AS0260(1) Master: The host uses slave address ID0 (associated with SADDR = 0) and
therefore accesses registers on AS0260(1) (the master). It writes to register (R0x002E)
to change the slave addresses associated with ID0 and ID1 on this device to a single,
new, unique value; call it ID-AS0260(1). It then writes (using AS0260(1) to register
PAD_CONTROL (R0x0032) to configure CHAIN as an output. Finally, it writes (using
AS0260(1)) to the CHAIN_CONTROL register to set chain_enable =1, sync_enable=1,
master=1 and position = N – 1 (where there are N devices in the daisy-chain). The
effect of enabling TMS as an output is to drive the TMS output low.
• AS0260(2): This AS0260 now has SADDR=0 and so will respond to slave address ID0.
The host configures this in the same way as AS0260(1) with the exceptions that it
assigns ID-AS0260(2), sets master=0 and position = N-2 (where there are N devices in
the daisy-chain). As before, the effect of enabling CHAIN as an output is to drive the
CHAIN output low.
• AS0260(3): As for AS0260(2): assign ID-AS0260(3), master=0, position = N-3
• AS0260(4): As for AS0260(2): assign ID-AS0260(4), master=0, position = N-4
Table 17:
CHAIN_CONTROL Register
Bit
Name
Default Description
15
chain_enable
0
0: multi-camera daisy-chain communication function is disabled.
1: multi-camera daisy-chain communication function is enabled.
The result of toggling this bit while the sensor is streaming is UNDEFINED.
14
sync_enable
0
0: multi_sync function is disabled.
1: multi-sync function is enabled.
The result of toggling this bit while the sensor is streaming is UNDEFINED.
13
master
0
0: this node is not the master.
1: this node is the master.
The result of toggling this bit while the sensor is streaming is UNDEFINED.
12
RESERVED
11:8
position
0
A unique value assigned to each device in the daisy-chain. The device furthest from the
master is assigned a position value of 0. The next device is assigned a position value of 1.
For N devices in a daisy-chain, the master is assigned a position value of N-1.
The result of toggling this bit while the sensor is streaming is UNDEFINED.
7:0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com