Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 7 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 3Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 4Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 5Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 6Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 7Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 8Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 9Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 10Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
7
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Sensor Core
The AS0260 has a color image sensor with a Bayer color filter arrangement and a 2.0Mp
active-pixel array with electronic rolling shutter (ERS). The sensor core readout is 10 bits
and can be flipped and/or mirrored.
Image Flow Processor (IFP)
The advanced IFP features and flexible programmability of the AS0260 can enhance and
optimize the image sensor performance. Built-in optimization algorithms enable the
AS0260 to operate with factory settings as a fully automatic and highly adaptable
system-on-a-chip (SOC) for most camera systems.
These algorithms include black level conditioning, shading correction, defect correc-
tion, color interpolation, edge detection, color correction, aperture correction, hue rota-
tion, perspective correction, and image formatting with cropping and scaling.
The IFP includes special modes to support presence detection and ambient light
measurement. These modes can be used to assist the power management of a notebook
PC.
Microcontroller Unit (MCU)
The MCU communicates with all functional blocks by way of an internal ON Semicon-
ductor proprietary bus interface. The MCU firmware configures all the registers in the
sensor core and IFP.
System Control
The AS0260 has a phase-locked loop (PLL) oscillator that can generate the internal
sensor clock from the common system clock. The PLL adjusts the incoming clock
frequency up, allowing the AS0260 to run at almost any desired resolution and frame
rate within the sensor’s capabilities.
The AS0260 provides power-conserving features including a soft standby mode. A two-
wire serial interface bus enables read and write access to the AS0260’s internal registers
and variables. The internal registers control the sensor core, the color pipeline flow, and
the output interface. Variables are located in the microcontroller's RAM memory and are
used to configure and control the auto-algorithms and camera control functions.
Output Interface
The output interface block can select either raw data or processed data. Image data is
provided to the host system either by an 8-bit parallel port or by a dual-lane serial MIPI
port. The parallel output port provides 8-bit RGB data or extended 10-bit Bayer data.
The AS0260 also includes programmable I/O slew rate to minimize EMI.
System Interfaces
Figure 2 on page 3 shows typical AS0260 device connections. For low-noise operation,
the AS0260 requires separate power supplies for analog and digital sections of the die.
Both power supply rails must be decoupled from ground using capacitors as close as
possible to the die. The use of inductance filters is not recommended on the power
supplies or output signals.
The AS0260 provides dedicated inputs for digital core, PHY, and I/O power domains that
can be at different voltages. The PLL and analog circuitry require clean power sources.
Table 1 on page 4 provides the signal descriptions for the AS0260.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com