Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 75 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 75 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 71Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 72Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 73Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 74Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 75Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 76Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 77Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 78Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 79Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
75
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Electrical Specifications
Caution
Stresses above those listed in Table 22 may cause permanent damage to the device.
Notes:
1. This is a stress rating only, and functional operation of the device at these or any other conditions
above those indicated in the product specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Table 22:
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Min
Max
VDD_IO_MAX
I/O digital voltage
–0.3
4.0
V
VAA_MAX
Analog voltage
–0.3
4.0
V
VAA_PIX_MAX
Analog pixel supply voltage
–0.3
4.0
V
REG_IN0_MAX
Digital supply voltage
–0.3
2.4
V
VDD_PHY_MAX
PHY supply voltage
–0.3
2.4
V
VIN
DC input voltage
–0.3
VDD_IO + 0.3
V
IIN
Transient input current (0.5 sec. duration)
150
mA
TOP
Operating temperature (measure at junction)
–30
70
°C
TSTG
1
Storage temperature
–40
85
°
C
Table 23:
Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
VDD_IO
I/O digital voltage
2.5
2.8
3.1
V
1.7
1.8
1.95
V
VAA
Analog voltage
2.5
2.8
3.1
V
VAA_PIX
Pixel supply voltage
2.5
2.8
3.1
V
REG_IN0
Digital supply voltage
1.7
1.8
1.95
V
VDD_PHY
PHY supply voltage
1.7
1.8
1.95
V
TJ
Operating temperature (at junction)
–30
55
70
°C
Table 24:
DC Electrical Characteristics
Symbol
Parameter
Condition
Min
Max
Unit
VIH
Input HIGH voltage
VDD_IO * 0.7
VDD_IO + 0.3
V
VIL
Input LOW voltage
–0.3
VDD_IO * 0.3
V
IIN
Input leakage current
VIN = 0V or VIN = VDD_IO
10
A
VOH
Output HIGH voltage
VDD_IO = 1.8V, IOH = 2mA
VDD_IO – 0.3
V
VOL
Output LOW voltage
VDD_IO = 1.8V, IOH = 2mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com