Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 76 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 76 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 72Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 73Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 74Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 75Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 76Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 77Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 78Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 79Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 80Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
76
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Table 25:
Operating Current Consumption (Parallel)
Default Setup Conditions: fEXTCLK= 24 Mhz, fPIXCLK = 96 Mhz, VAA = VAA_PIX = VDD_IO = 2.8V,
VDD_PHY = REG_IN0 = 1.8V, Tj = 25°C unless otherwise stated
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VAA
Analog supply voltage
2.5
2.8
3.1
V
VAA_PIX
Pixel supply voltage
2.5
2.8
3.1
V
VDD_PHY
PHY supply voltage
1.7
1.8
1.95
V
REG_IN0
Digital supply voltage
1.7
1.8
1.95
V
VDD_IO
Digital IO supply voltage
VDD_IO = 2.8V
2.5
2.8
3.1
V
VDD_IO = 1.8V
1.7
1.8
1.95
V
IAA
Analog supply current
1080p Full resolution 30 fps
mA
720p, 30 fps
mA
VGA, 60 fps
mA
IAA_PIX
Pixel supply current
1080p Full resolution 30 fps
mA
720p, 30 fps
mA
VGA, 60 fps
mA
IREG_IN0
Digital supply current
1080p Full resolution 30 fps
mA
720p, 30 fps
mA
VGA, 60 fps
mA
IDD_PHY
PHY supply current
1080p Full resolution 30 fps
mA
720p, 30 fps
mA
VGA, 60 fps
mA
Total power consumption
1080p Full resolution 30 fps
255
mW
720p, 30 fps
215
mW
VGA, 60 fps
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com