Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 43 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 43 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 39Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 40Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 41Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 42Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 43Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 44Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 45Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 46Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
43
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
JPEG Continuous Stream
JPEG continuous stream goes out only through the parallel output interface, and
supports the following features:
•Duplicate FV on LV
• Append JPEG status segment at the end of the data stream
When enabled, the pixel clock output can be generated continuously during invalid data
periods (between FV and between LV). In this streaming mode, the amount of valid data
within each line (LV = 1) is variable. Figure 28 through Figure 29 on page 39 are examples
of the JPEG stream through the parallel output interface.
Figure 28 illustrates data output when the pixel clock output is generated continuously
during invalid data periods. LV is of variable length based on data output rate.
In default mode, data transitions on the falling edge of PIXCLK and the host must
capture data on the rising edge of PIXCLK. The PIXCLK is also configurable and its
polarity can be reversed through the use of register settings.
Figure 28:
JPEG Continuous Data Output
JPEG Spoof Stream
The JPEG compressed data can be output in spoof mode. The amount of expected pixel
data is defined by the spoof width and spoof height registers. If the valid JPEG data is less
than expected size defined, a dummy data pattern with a value of 0xFF will be padded.
There is an option to ignore spoof height so dummy data padding is limited to less than
one spoof line.
When enabled, the pixel clock output can be generated continuously during invalid data
periods (between FV and between LV). In spoof streaming mode, the amount of valid
data within each line (LV = 1) is constant.
Figure 29 illustrates the JPEG spoof output when pixel clock is generated continuously
during invalid data periods between LV. The status segment is inserted at the end of the
stream.
FV
LV
PIXCLK
DOUT[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com