Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 55 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 55 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 51Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 52Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 53Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 54Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 55Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 56Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 57Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 58Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 59Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
55
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
In all cases, the contrast value represents the gradient of the contrast adjustment curve,
measured at the target brightness point (as controlled by UVC_BRIGHTNESS_CON-
TROL). The AS0260 supports a range of gradients from 0.5 to 2.0; UVC represents this as
a contrast range from 16 (0.5) to 64 (2.0). It shows the range of contrasts that can be
selected. Note the contrast gradient is measured at the inflection point in the curves -
this inflection point is also dependent upon the brightness-metric.
Note that the AS0260 may not support every code within the allowed UVC contrast
range; the AS0260 will round to the nearest code.
Note that the automatic contrast curve calculation as supported by the CAM Control
interface can be disabled. In this event, attempts to change the UVC contrast will be
rejected with EACCES.
The AS0260 does not maintain coherency between UVC_CONTRAST_CONTROL and the
CAM Control variable equivalents.
Gain
The gain control determines the amount of gain applied by the sensor and AS0260 when
auto-exposure mode is disabled. If auto-exposure is enabled, any changes will be
rejected with EBUSY.
UVC_GAIN_CONTROL will not reflect the current gain applied when auto-exposure
mode is enabled. When auto-exposure is disabled with UVC_AUTO_EXPOSURE_MODE,
this variable will reflect the active gain at that time.
The permitted range of gains is dependent upon the current CAM Control sensor config-
uration. Attempts to set a gain outside this range will be accepted, but clamped to the
current minimum or maximum. UVC_RESULT_STATUS will be set to ERANGE to indi-
cate a clamp has occurred.
Power Line Frequency Control
The power line frequency control specifies the local power line frequency. This allows
the auto-exposure algorithm to limit exposure time to multiples of this frequency, in
order to avoid image flicker.
Note the AS0260 does not support the UVC 'Disabled' setting - flicker avoidance cannot
be disabled for all lighting levels. However, this value will not be rejected in order to
conform to the UVC 1.1 standard. The AS0260 will continue using the last-set value, and
the variable will continue to read-back the last-set value.
Note that the UVC_FLICKER_AVOIDANCE_CONFIG configuration variable allows the
host to enable an 'outdoor' mode, which permits exposure times that are less than the
flicker frequency.
Variable
Name
Type
Default
R0xCC0E
VAR(0x13,0x000E)
UVC_GAIN_CONTROL
UINT16
UFIXED
5
Dependent on gain applied when AE mode is disabled.
Variable
Name
Type
Default
R0xCC03
VAR(0x13,0x0003)
UVC_POWER_LINE_FREQUENCY_CONTRO
L
UINT8 Dependent upon CAM
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com