Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 12 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 8Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 9Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 10Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 11Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 12Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 13Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 14Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 15Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
12
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
A soft reset sequence to the sensor has a similar effect as the hard reset and can be acti-
vated by writing to a register through the two-wire serial interface. On-chip power-on-
reset circuitry can generate an internal reset signal in case an external reset is not
provided. The RESET_BAR signal has an internal pull-up resistor and can be left floating.
Hard Reset
The AS0260 enters the reset state when the external RESET_BAR signal is asserted LOW,
as shown in Figure 5. Parallel data output signals will be in High-Z state.
Figure 5:
Hard Reset Operation
Notes:
1. This delay is dependent on EXTCLK frequency.
2. Assumes that CONFIG/GPIO1 = 1.
CLK_P
0
Table 4:
Hard Reset
Symbol
Definition
Min
Typ
Max
Unit
t1
RESET_BAR pulse width
50
EXTCLK cycles
t2
Active EXTCLK required after RESET_BAR asserted
10
t3
Active EXTCLK required before RESET_BAR de-asserted
10
t4
Maximum internal boot time1
––
35
ms
Table 3:
Status of Output Signals During Hard Reset
Signal
Reset
EXTCLK
Reset
RESET_BAR
Mode
t
2
t
3
t
1
Internal Boot Time
SDATA
Enter streaming mode
t
4
All Outputs
Data Active
Data Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com