Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 67 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 67 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 63Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 64Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 65Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 66Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 67Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 68Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 69Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 70Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 71Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
67
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Single Read from Random Location
This sequence (see Figure 36) starts with a dummy write to the 16-bit address that is to
be used for the read. The master terminates the write by generating a restart condition.
The master then sends the 8-bit read slave address/data direction byte and clocks out
one byte of register data. The master terminates the read by generating a no-acknowl-
edge bit followed by a stop condition. Figure 36 shows how the internal register address
maintained by the AS0260 is loaded and incremented as the sequence proceeds.
Figure 36:
Single Read from Random Location
Single Read from Current Location
This sequence (Figure 37) performs a read using the current value of the AS0260 internal
register address. The master terminates the read by generating a no-acknowledge bit
followed by a stop condition. The figure shows two independent read sequences.
Figure 37:
Single Read from Current Location
S = start condition
P = stop condition
Sr = restart condition
A = acknowledge
A = no-acknowledge
slave to master
master to slave
Slave Address
0
S
A Reg Address[15:8]
A
Reg Address[7:0]
Slave Address
A
A
1
Sr
Read Data
P
Previous Reg Address, N
Reg Address, M
M+1
A
Slave Address
1
S
A
Read Data
[15:8]
Slave Address
A
1
S
P
Read Data
[15:0]
P
Previous Reg Address, N
Reg Address, N+1
N+2
A
A
Read Data
[7:0]
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com