Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 11 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 7Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 8Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 9Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 10Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 11Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 12Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 13Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 14Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
11
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Power-Up Sequence
Powering up the sensor requires voltages to be applied in a particular order, as seen in
Figure 4. The timing requirements are shown in Table 2. The sensor includes a power-on
reset feature that initiates a reset upon power up of the sensor.
Figure 4:
Power-Up Sequence
Power-On Reset
The AS0260 includes a power-on reset feature that initiates a reset upon power-up.
Three types of reset are available:
• A hard reset is issued by toggling the RESET_BAR signal
• A soft reset is issued by writing commands through the two-wire serial interface
•An internal power-on reset
The output states during hard reset are shown in Table 3.
Table 2:
Power-Up Signal Timing
Symbol Parameter
Min
Max
Unit
t1
Delay from REG_IN0 to VDD_IO
50
200
ms
t2Delay from VDD_IO and VDD_PHY
0
50
ms
t3Delay from VDD_IO to VAA, VAA_PIX, and
VDD_PLL
050
ms
t4EXTCLK activation
t2 + 0
ms
Table 3:
Status of Output Signals During Hard Reset
Signal
Reset
DOUT[7:0]
High-Z
PIXCLK
High-Z
LV
High-Z
FV
High-Z
DATA_N
0
DATA_P
0
DATA_2N
0
DATA_2P
0
CLK_N
0
t
2
VAA, VAA_PIX
VDD_PHY
VDD_IO
EXTCLK
t
3
t
4
REG_IN0
t
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com