Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 15 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 11Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 12Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 13Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 14Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 15Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 16Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 17Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 18Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
15
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
When the sensor enters the streaming system state, the interface goes through the
following transitions:
1. After the PLL has locked and the bias generator for the MIPI drivers has stabilized, the
MIPI interface transitions from the ULPS state to the ULPS-exit state (signaling code
LP–10).
2. After a delay (TWAKEUP), the MIPI interface transitions from the ULPS-exit state to
the TX-stop state (signaling code LP–11).
3. After a short period of time (the programmed integration time plus a fixed overhead),
frames of pixel data start to be transmitted on the MIPI interface. Each frame of pixel
data is transmitted as a number of high-speed packets. The transition from the
TX-stop state to the high-speed signaling states occurs in accordance with the MIPI
specifications. Between high-speed packets and between frames, the MIPI interface
idles in the TX-stop state. The transition from the high-speed signaling states and the
TX-stop state takes place in accordance with the MIPI specifications.
4. If the sensor is reset, any frame in progress is aborted immediately and the MIPI sig-
nals switch to indicate the ULPS.
5. If the sensor is taken out of the streaming system state and reset_register[4] = 1
(standby end-of-frame), any frame in progress is completed and the MIPI signals
switch to indicate the ULPS.
If the sensor is taken out of the streaming system state and reset_register[4] = 0 (standby
end-of-frame), any frame in progress is aborted as follows:
1. Any long packet in transmission is completed.
2. The end of frame short packet is transmitted.
After the frame has been aborted, the MIPI signals switch to indicate the ULPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com