Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0260CSSC28SUD20 Datasheet(PDF) 81 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 81 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 75Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 76Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 77Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 78Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 79Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 80Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 81Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 82Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 83Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 81 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
81
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
MIPI AC and DC Electrical Characteristics
MIPI Specification Reference
The AS0260 design and this documentation is based on the following reference docu-
ments:
• MIPI Alliance Standard for CSI-2 version 1.0
• MIPI Alliance Standard for D-PHY version 1.0
Table 28:
MIPI High-Speed Transmitter DC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VOD
HS transmit differential voltage
140
270
mV
VCMTX
HS transmit static common mode voltage
150
250
mV
VOD
VOD mismatch when output is Differential-1 or Differential-0
13
mV
VCMTX(1,0)
VCMTX mismatch when output is Differential-1 or Differential-0
5
mV
VOHHSHS output HIGH voltage
360
mV
ZOS
Single-ended output impedance
40
62.5
ZOS
Single-ended output impedance mismatch
17
%
Table 29:
MIPI High-Speed Transmitter AC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Data bit rate
768
Mb/s
trise
20–80% rise time
150
500
ps
tfall
20–80% fall time
150
500
ps
Table 30:
MIPI Low-Power Transmitter DC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VOL
Thevenin output low level
55
mV
VOH
Thevenin output high level
1.15
V
ZOLP
Output impedance of LP transmitter
110
Table 31:
MIPI Low-Power Transmitter AC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
trise
15–85% rise time
25
ns
tfall
15–85% fall time
25
ns
Slew
Slew rate (CLOAD 5–20pf)
200
mV/ns
Slew
Slew rate (CLOAD 20–70pf)
150
mV/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com