Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 13Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 14Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 15Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 16Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 17Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 18Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 19Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 20Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
E5AZ/E5EZ
17
Specifications
Ratings
Power supply voltage
100 to 240 VAC, 50/60 Hz
24 VAC, 50/60 Hz or 24 VDC
Operating voltage range
85% to 110% of rated supply voltage
Power consumption
8.5 VA
6 VA (24 VAC)/4 W (24 VDC)
Sensor input
Models with temperature inputs
Thermocouple: K, J, T, E, L, U, N, R, S, or B
Platinum resistance thermometer: Pt100 or JPt100
Infrared temperature sensor: 10 to 70
°C, 60 to 120°C, 115 to 165°C, or 140 to 260°C
Voltage input: 0 to 50 mV
Models with analog inputs
Current input: 4 to 20 mA or 0 to 20 mA
Voltage input: 1 to 5 V, 0 to 5 V, or 0 to 10 V
Input impedance
Current input: 150
Ω, Voltage input: 1 MΩ (Use a 1:1 connection when connecting the ES2-HB.)
Control
output
Relay output
SPST-NO, 250 VAC, 5 A (resistive load), electrical life: 100,000 operations, minimum applicable load: 5 V,
10 mA
Voltage output
(for driving
SSR)
Output voltage: 12 VDC +15%/
−20% (PNP), max. load current: 40 mA, with short-circuit protection circuit
Current output
4 to 20 mA DC/0 to 20 mA DC, load: 600
Ω max., resolution: approx. 2,700
Alarm output
SPST-NO, 250 VAC, 2 A (resistive load), electrical life: 100,000 operations, minimum applicable load: 5 V,
10 mA
Event input
Contact input
ON: 1 k
Ω max., OFF: 100 kΩ min.
Non-contact
input
ON: Residual voltage: 1.5 V max., OFF: Leakage current: 0.1 mA max.
Outflow current: Approx. 7 mA per point
Control method
ON/OFF control or 2-PID control (with auto-tuning)
Setting method
Digital setting using front panel keys
Indication method
11-segment digital display and individual indicators (7-segments displays also possible)
Character height: E5AZ: PV: 15 mm, SV: 9.5 mm
E5EZ: PV: 14 mm, SV: 9.5 mm
Other functions
Manual output, heating/cooling control, transfer output (on some models), loop break alarm, multi SP, MV
limiter, input digital filter, self-tuning, temperature input shift, run/stop, protection functions, etc.
Ambient operating
temperature
−10 to 55°C (with no icing or condensation)
Ambient operating humidity
25% to 85%
Storage temperature
−25 to 65°C (with no icing or condensation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com