Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 19Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 20Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 21Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 22Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 23Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 24Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 25Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 26Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
E5AZ/E5EZ
23
Dimensions
+1.0
0
92+0.8
0
92+0.8
0
92+0.8
0
120 min.
Waterproofing is not possible when
group mounting Controllers.
Panel Cutout
Individual Mounting
Group Mounting
96
96
112
11.2
84.5
91
92.5
2
Waterproof Packing
(Accessory)
2
96
96
112
11.2
78
91
91
Waterproof Packing
(Accessory)
Mounting Bracket
(Accessory)
Mounting Bracket
(Accessory)
Terminal Cover (E53-COV11)
(Order separately)
Crimp terminal size: M3.5
E5AZ
• Recommended panel thickness is 1 to
8 mm.
• Group mounting is not possible in the
vertical direction. (Maintain the
specified mounting space between
Controllers.)
• To mount the Controller so that it is
waterproof, insert the waterproof
packing onto the Controller.
• When two or more Controllers are
mounted, make sure that the
surrounding temperature does not
exceed the ambient operating
temperature given in the
specifications.
Note: To remove the Controller from the case, loosen the screw at
the bottom of the front panel with a screwdriver while
pressing down on the hook at the top of the front panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com