Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 54 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 54 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 50Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 51Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 52Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 53Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 54Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 55Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 56Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 57Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 58Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
E5EZ-PRR
54
Meaning
Internal memory operation is in error.
Action
First, turn the power OFF then back ON again. If the display remains the same,
the Controller must be repaired. If the display is restored, then the probable
cause is electrical noise affecting the control system. Check for electrical noise.
Operation at Error
Control output and alarm output turn OFF.
Meaning
Valve opening has exceeded its regular range of
−10% to 110%.
Action
Check to see if there have been any wiring errors, burnouts, or short-circuits in
the potentiometer.
If there are no problems with the wiring, you can restart the power supply. If the
display remains the same, the Controller must be replaced. If the display is re-
stored, then the probable cause is interference which should be avoided.
Operation at Error
Control output will output MV based on the “MV during error” setting position.
Alarm output will operate as normal.
Meaning
Motor calibration did not completely finish.
Action
After confirming the potentiometer and the wiring of the motor driving valve, per-
form motor calibration again.
Operation at Error
Control output and alarm output set to OFF.
Memory Error
e111
9999
(999.9)
−1999
(
−199.9)
−1999
(
−199.9)
9999
(999.9)
Platinum resistance thermometer input (Except for models with
a setting range of
−199.9 to 500.0°C)
Thermocouple input (Except for models with a setting range of
−199.9 to 400.0°C)
ES1B
Control range
s.err display
Numeric display
s.err display
Input indication range
Analog (current, voltage) Input
• When display range < control range
Control range
s.err display [[[[ display
Numeric display
Input indication range
]]]] display
s.err display
Display range
Platinum resistance thermometer input (Except for models with
a setting range of
−199.9. to 500.0°C)
Thermocouple input (Except for models with a setting range of
−199.9 to 400.0°C)
Control range
s.err display [[[[ display
Numeric display
Input indication range
Input indication range
s.err display
Analog Input
• When display range > control range
Control range
s.err display
Numeric display
s.err display
Display range
----
Potentiometer Input Error
err
Motor Calibration Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com