Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 45 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 45 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 41Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 42Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 43Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 44Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 45Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 46Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 47Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 48Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 49Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
E5EZ-PRR
45
Setting Level Configuration and Key Operations
Parameters are divided into groups, each called a “level.” Each of the set values (setup items) in these levels are called a “parameter.”
The parameters on the E5EZ-PRR are divided into the following seven levels:
Note: 1. When returning from the initial setting level to the operation level, the
default in the operation level will be displayed.
2. When returning from the protect level to the operation level, the
default in the operation level will be displayed.
Note: Set the parameters in the “initial setting/communications protect” under “protect level” to “0”, to activate advanced function setting level.
Of these levels, the initial setting level, communications setting level, and advanced function setting level can be used only when control has
stopped. Note that controller outputs are stopped when any of these three levels are selected.
With the exception of operation level, the present level will be displayed. No. 3 display will show the following when settings are being
changed:
No. 3 Display
Level name
Manual MV
Manual control level
l.prt
Protect level
No display
Operation level
l.adj
Adjustment level
l.ini
Initial setting level
l.com
Communications setting level
l.adv
Advanced function setting level
key
for at least 3 s
*
L
L
key:
PV display flashes
+
+
M
M
* The time taken to move to the
protect level can be adjusted by
changing the "Move to protect level
time" setting.
Input password.
Set value
−169
Control in progress
Control stopped
Operation Level
Not displayed for some models
Level change
Initial Setting Level
Communications
Setting Level
Adjustment Level
Protect Level
Power ON
Manual
Control Level
Started in manual mode
Press the
A key
for at least 1 s.
Started in automatic mode
Manual
Mode
Press the
L + M
keys
for at least 1 s.
Advanced Function
Setting Level
See note 1.
Control stops.
See note 2.
25
100
c
100.0
25
100
c
100.0
Press
L key
for at least 1 s.
Press the
L key
for at least 1 s;
display will flash.
Press the
L key for
at least 3 s.
Press
L key
less than 1 s.
Press the
L key for
at least 1 s.
Press
L key
less than 1 s.
Press the
A key for
at least 1 s.
Control in Progress Control Stopped
Protect level
Can be set.
---
Operation level
Can be set.
---
Adjustment level
Can be set.
---
Manual control level
Can be set.
---
Initial setting level
---
Can be set.
Advanced function setting level (See note.) ---
Can be set.
Communications setting level
---
Can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com