Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 46 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 42Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 43Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 44Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 45Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 46Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 47Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 48Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 49Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
E5EZ-PRR
46
Descriptions of Each Level
Protect Level
• To select this level, simultaneously press the
and M keys for
at least 3 seconds. This level is to prevent unwanted or acciden-
tal modification of parameters. Protected levels will not be dis-
played, and so the parameters in that level cannot be modified.
Operation Level
• This level is displayed when you turn the power ON. You can
move to the protect level, initial setting level, manual control level
and adjustment level from this level.
• Normally, select this level during operation. During operation, the
process value and manipulated variable can be monitored, and
the set points, alarm values, and upper- and lower-limit alarms
can be monitored and modified.
Adjustment Level
• To select this level, press the
key for less than one second.
• This level is for entering set values and offset values for control.
This level contains parameters for setting the AT (auto-tuning),
communications writing enable/disable, hysteresis, multi-SP, in-
put shift values, heater burnout alarm (HBA) and PID constants.
You can move to the top parameter of the operation level, initial
setting level and protect level from here.
Manual Control Level
• Pressing the A key under the operation/adjustment level for 1
second or more will activate manual mode, and switch to the
manual control level.
Under manual control, only “process value/set value/valve open
percentage (manual MV)” can be displayed. Under the “process
value/set value/valve open percentage (manual MV)” manual
control level, pressing the A key for 1 second or more will switch
to automatic mode, switch to the operation level, display the de-
fault in the level, and allow manual operation of MV in this mode.
Initial Setting Level
• To access this level, press the
key for 3 or more seconds in
the operation level or adjustment level. 1 second later, the PV dis-
play will blink. This level is used to indicate input type and select
control method, control period, direct/reverse operation, and
alarm type. You can move to the advanced function setting level
or communications setting level from this level. Press the
key
for at least 1 second to switch to the operation level. Press the
key less than 1 second to switch to the communications level.
Advanced Function Setting Level
• To activate this level, set the parameters in the “initial setting/
communications protect” under the “protect level” to “0” and then
enter the password (“-169”) in the initial setting level.
• The initial setting level can be accessed from this level.
• This level is for setting the automatic display return time, MV lim-
iter, event input assignment, standby sequence, alarm hystere-
sis, and ST (self-tuning).
Communications Setting Level
• To select this level, press the
key less than one second in the
initial setting level. When the communications function is used,
set the communications conditions in this level. Communicating
with a personal computer (host computer) allows set points to be
read and written, and manipulated variables to be monitored.
L
L
L
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com