Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 52 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 52 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 48Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 49Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 50Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 51Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 52Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 53Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 54Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 55Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 56Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
E5EZ-PRR
52
Operation/ Adjustment Protect
The following table shows the relationship between set values and the range of protection.
• Parameters are not protected when the set value is set to 0.
• The default is 0.
Initial Setting/ Communications Protect
This protect level restricts movement to the initial setting level, communications setting level, and advanced
function setting level.
• The default is 1.
Setting Change Protect
This protect level restricts key operations.
• The default is OFF.
Automatic/ Manual Key Protect
This protect level restricts key operations.
• The default is OFF.
Setting Communications Parameters
• Each parameter is enabled when the power is reset.
• Match the communications specifications of the E5EZ-PRR and the host computer. If multiple devices are
connected, ensure that the communications specifications for all devices in the system (except the
Communications unit number) are the same.
Level
Set value
0
1
2
3
Operation
level
PV
Can be displayed
Can be displayed
Can be displayed
Can be displayed
PV/SP
Can be displayed
and changed
Can be displayed
and changed
Can be displayed
and changed
Can be displayed
Others
Can be displayed
and changed
Can be displayed
and changed
Cannot be displayed
and moving to other
levels is not possible
Cannot be displayed
and moving to other
levels is not possible
Adjustment level
Can be displayed
and changed
Cannot be displayed
and moving to other
levels is not possible
Cannot be displayed
and moving to other
levels is not possible
Cannot be displayed
and moving to other
levels is not possible
Set value
Initial setting level
Communications setting level
Advanced function setting level
0
Movement possible
Movement possible
Movement possible
1
Movement possible
Movement possible
Movement not possible
2
Movement not possible
Movement not possible
Movement not possible
Set value
Description
OFF
Settings can be changed using key operations.
ON
Settings cannot be changed using key operations. (The protect level settings, however, can be
changed.)
Set value
Description
OFF
Settings can be changed between automatic and manual mode using A key operations.
ON
Settings cannot be changed between automatic and manual mode using A key operations. (The
protect level settings, however, can be changed.)
Parameters
Symbol
Set (monitor) values
Settings
Default
Unit
Communications
Unit number
u-no
0 to 99
1
None
Baud rate
bps
1.2, 2.4, 4.8, 9.6, 19.2
1.2, 2.4, 4.8, 9.6,
19.2
9.6
Kbps
Data length
len
7, 8
7
Length
Stop bits
sbit
1, 2
2
Bit
Parity
prty
None, even, odd
none, even, odd
Even
None
oapt
0
icpt
1
wtpt
off
keyp
off
Protect level
Operation /
adjustment protect
Initial setting /
communications
protect
Setting change protect
Automatic/ manual
key protect
l.prt
l.prt
l.prt
l.prt
u-no
1
len
7
sbit
2
Communications setting level
Communications
Unit number
Baud rate
Data length
Stop bits
Parity
bps
96
l.com
l.com
l.com
l.com
l.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com