Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 38Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 39Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 40Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 41Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 42Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 43Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 44Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 45Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
E5EZ-PRR
42
Wiring Terminals
• Standard insulation is applied to the temperature gauge's I/O sections. If reinforced insulation is required, connect the input and output terminals
to a device without any exposed current-carrying parts, or to a device with standard insulation suitable for the maximum operation voltage of
the power supply I/O section.
• For E5EZ-PRR@03-model products, in order to satisfy the conduction and emission specifications of EN61326CLASSA, a magnetic ring (TDK:
ZAT1730-0730) should be added to the communications line between the K3SC unit and the controller.
E5EZ-PRR
Nomenclature
E5EZ-PRR
Alarm Output 1
Alarm Output 2
B
B
A
mA
DO NOT
USE
USE
DO NOT
50/60 Hz
Potentiometer
Communications
Communications
OPEN
10
Pt
11
6
8
7
9
100 to 240 VAC
1
2
3
4
5
12
EV1
Event Input
SD
RD
SG
RS232C
RS485
B(+)
DO NOT
USE
13
14
12
13
14
14
13
12
TC
22
21
20
CLOSE
WIPE
DO NOT
USE
Analog Input
EV2
V
Control Output 1 (OPEN Output)
Control Output 2 (CLOSE Output)
+
+
+
MANU
PV
SV
MV
A
M
No. 1 Display
Operation Indicators
Temperature Unit
Mode Key
Level Key
Down Key
Up Key
No. 2 Display
No. 3 Display
Automatic/ Manual Key
The temperature unit is displayed when parameters are set to display a temperature.
The display is determined by the currently selected "temperature unit" parameter set value.
c indicates °C and f indicates °F.
Displays the process value or parameter type.
Lights for approximately one second during startup.
Displays the set point, parameter operation read
value, or the variable input value.
Lights for approximately one second during startup.
Displays valve open percentage when valve opening
display is on.
Nothing will be displayed when valve opening display
is switched off.
Each press of this key increments the value displayed
on the No. 2 display or advances the setting. Holding
the key down speeds up the incrementation.
Press this key for at least one second to switch
between automatic and manual mode.
Each press of this key decrements values displayed on the No. 2 display or
reverses the setting. Holding the key down speeds up the decrementation.
Press this key to move between setting
levels. The setting level is selected in
the following order: operation level:
adjustment level, initial setting level,
communications setting level.
Press this key to change parameters
within a setting level.
1. ALM1 (alarm 1)
Lights when alarm 1 output is ON.
ALM2 (alarm 2)
Lights when alarm 2 output is ON.
2. OUT1, OUT2 (control output 1, control output 2)
Lights when control output 1 or control output 2
is ON.
3. STOP (Stop)
Lights when operation is stopped.
During operation, this indicator lights when
operation is stopped by an event or by using the
RUN/STOP function.
4. CMW (Communications Writing Control)
Lights when communications writing is enabled
and is not lit when it is disabled.
5. MANU (Manual Mode)
Lights when the auto/manual mode is set to
manual mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com