Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 33Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 34Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 35Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 36Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 37Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 38Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 39Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 40Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
37
Digital Position-Proportional Controllers
E5EZ-PRR
A position proportional control model for the E5EZ-
PRR series
• Depth of only 78 mm.
• Various temperature inputs (thermocouple, platinum resistance thermometer,
infrared temperature sensor, voltage inputs) and analog inputs (current, voltage)
• Makes use of high-visibility LCD, with three lines of 4-digit display, for simplicity
and clarity
• 3 lines of display to observe PV/ SV/ MV (valve open percentage), clearly
displaying the state of control (operations)
• Event input enables multi-SP selection and run/ stop function
• Alarm delay function
• Communications function
• Able to choose closed/floating control. In floating control,
position proportional control can be performed without a potentiometer
• Equipped with a manual output function (equipped with an automatic/manual key)
• CE marking and UL/CSA certification
Note: Refer to Precautions on page 59.
Model Number Structure
Model Number Legend
Ordering Information
Accessories (Order Separately)
Unit Label
Terminal Cover
Size
Power supply
voltage
Input type
Control
method
Number of
alarms
Communica-
tions
function
Event input
Model
1/8DIN
48
× 96 × 78
(W
× H × D)
100 to
240 VAC
Temperature
Input Type
Valve Control
None
None
None
E5EZ-PRRT
2
E5EZ-PRR2T
2 points
E5EZ-PRR2BT
RS-232C
None
E5EZ-PRR201T
RS-485
E5EZ-PRR203T
Analog
(Current,
Voltage) Input
Type
None
None
None
E5EZ-PRRL
2
E5EZ-PRR2L
2 points
E5EZ-PRR2BL
RS-232C
None
E5EZ-PRR201L
RS-485
E5EZ-PRR203L
1. Control method
P: Valve control
2. Control output 1
R: Relay (OPEN)
3. Control output 2
R: Relay (CLOSE)
4. Number of alarms
Blank: Not available
2:
Two alarms
5. Option
Blank: Not available
01:
RS-232C
03:
RS-485
B:
2 event inputs
6. Input Type
T: Temperature
L: Analog input (current, voltage)
1 2 3 456
E5EZ-PRR
@@@
Model
Y92S-L1
Connectable models
Terminal block models
Model
E53-COV18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com