Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 25Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 26Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 27Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 28Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 29Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 30Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 31Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 32Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
E5
@Z
29
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
in-l
0
P
dp
0
P
in-t
5
P
in-h
100
P
d-u
c
P
sl-h
1300
C
sl-l
-200
C
cntl
onof
P
s-hc
stnd
P
st
on
P
cp
20
P
c-cp
20
P
oreV
or-r
P
alt1
2
P
alt2
2
P
alt3
2
P
tr-t
off
P
tr-h
100.0
P
tr-l
0.0
P
o1-t
4-20
P
amov
0
P
PID ON/OFF
ST
(self-tuning)
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
init
off
P
ev-m
1
P
ev-1
none
P
ev-2
stop
P
mspu
off
P
spru
m
P
rest
a
P
al1n
n-o
P
alh1
0.2
C
al2n
n-o
P
alh2
0.2
C
al3n
n-o
P
alh3
0.2
C
hbu
on
P
hbl
off
P
hbh
0.1
P
st-b
15.0
C
alfa
0.65
P
inf
0.0
P
pvad
off
P
o-dp
off
P
ret
off
P
a1lt
off
P
a2lt
off
P
a3lt
off
P
prlt
3
P
sero
off
P
cjc
on
P
rlrv
off
P
a1on
0
P
a2on
0
P
a3on
0
P
a1of
0
P
a2of
0
P
a3of
0
P
istp
ins1
P
amad
off
hsu
on
P
hsl
off
P
hsh
0.1
P
lba
0
P
lbal
8.0
C
lbab
3.0
C
out1
o
P
alm1
alm1
P
alm2
alm2
P
α
Initial Setting Level
Advanced Function Setting Level
Press the
O Key for at least 1 s.
Press the
O Key less than 1 s.
Input type
Scaling upper limit
Scaling lower limit
Decimal point
For input type of analog
Temperature unit
°C, °F
For input type of
temperature
SP upper limit
SP lower limit
Standard or heating/cooling
For input type of tem-
perature, standard
control, or PID
When assigning PID
or control output to
pulse output
Control period (heating)
Set the pulse output cycle.
Control period (cooling)
Direct/reverse operation
Alarm 1 type
Alarm 3 type
Alarm 2 type
Transfer output type
Linear output
Transfer output upper limit
Transfer output lower limit
Linear current output
Linear output
Move to advanced function
setting level
Displayed when initial setting/
communications protection is
set to 0.
Move by setting password (
−169).
Parameter initialization
Number of multi-SP uses
Two SPs: 1
Four SPs: 2
Event input
assignment 1
Event input
assignment 2
Multi-SP uses
SP ramp time unit
Standby sequence
reset
Alarm 1 open in alarm
Alarm 1 hysteresis
Alarm 2 open in alarm
Alarm 2 hysteresis
Alarm 3 open in alarm
Alarm 3 hysteresis
Heater burnout latch
HB ON/OFF
Heater burnout
hysteresis
ST stable range
Input digital filter
Additional PV display
MV display
Automatic display
return time
Alarm 1 latch
Alarm 3 latch
Alarm 2 latch
Move to protect level
time
Input error output
Cold junction compen-
sation method
MB command logic
switching
Alarm 1 ON delay
Alarm 3 ON delay
Alarm 2 ON delay
Alarm 1 OFF delay
Alarm 3 OFF delay
Alarm 2 OFF delay
Input shift type
Auto/manual select
addition
HS alarm use
HS alarm latch
HS alarm hysteresis
LBA detection time
LBA level
LBA band
Control output 1
assignment
Alarm output 1
assignment
Alarm output 2
assignment
M
csel
on
P
Character select
Limit the set point
M
alm3
alm3
P
Alarm output 3
assignment
(E5AZ/E5EZ only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com