Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 36Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 37Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 38Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 39Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 40Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 41Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 42Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 43Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 44Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
E5EZ-PRR
40
Specifications
Characteristics
Note: 1. The indication accuracy of K thermocouples in the
−200 to 1300°C range, T and N thermocouples at a temperature of −100°C max., and
U and L thermocouples at any temperature is
±2°C ±1 digit maximum. The indication accuracy of the B thermocouple at a temperature
of 400°C max. is not specified. The indication accuracy of the R and S thermocouples at a temperature of 200°C max. is
±3°C ±1 digit
max.
2. For E5EZ-PRR
@03-model products, in order to satisfy the conduction and emission specifications of EN61326CLASSA, a magnetic ring
(TDK: ZAT1730-0730) should be added to the communications line between the K3SC unit and the controller.
Indication accuracy
Thermocouple:
(
±0.5% of indicated value or ±1°C, whichever is greater) ±1 digit max. (See note 1.)
Platinum resistance thermometer:
(
±0.5% of indicated value or ±1°C, whichever is greater) ±1 digit max.
Analog Input:
±0.5% FS ±1 digit max.
Potentiometer Input:
±5% FS ±1 digit max.
Influence of temperature
(See note 2.)
R, S, and B thermocouple inputs:
(
±1% of PV or ±10°C, whichever is greater) ±1 digit max.
Other thermocouple inputs:
(
±1% of PV or ±4°C, whichever is greater) ±1 digit max.
*
±10°C for -100°C or less for K sensors
Platinum resistance thermometer inputs:
(
±1% of PV or ±2°C, whichever is greater) ±1 digit max.
Analog inputs:
(
±1% of FS) ±1 digit max.
Influence of voltage
(See note 2.)
Proportional band (P)
0.1 to 999.9 EU (in units of 0.1 EU)
Integral time (I)
0 to 3999 s (in units of 1 s)
With floating control, 1 to 3999 s
Derivative time (D)
0 to 3999 s (in units of 1 s)
Control period
1 to 99 s (in units of 1 s)
Manual reset value
0.0% to 100.0% (in units of 0.1%)
Alarm setting range
−1999 to 9999 (decimal point position depends on input type)
Sampling period
500 ms
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
2000 VAC, 50 or 60 Hz for 1min (between terminals of different charge)
Vibration resistance
10 to 55 Hz, 20 m/s2 for 10min each in X,Y, and Z directions
Shock resistance
100 m/s2, 3 times each in X, Y, and Z directions
Weight
Approx. 260 g
Memory protection
EEPROM (non-volatile memory) (number of writes: 100,000 operations)
EMC
Emission enclosure:
EN55011 (GB/T 6113.1, 2)
1 group, type A
Emission AC mains:
EN55011 (GB/T 6113.1, 2)
1 group, type A (See note 2.)
Immunity ESD:
IEC61000-4-2 (GB/T 17626.2) 4 kV contact discharge (series 2)
6 kV air discharge (series 3)
Immunity RF interference:
IEC61000-4-3 (GB/T 17626.3): 10 V/m, 80 MHz-1 GHz (series)
Immunity-conducted disturbance: EC61000-4-6 (GB/T 17626.6): 3 V(0.15-80 MHz) (series 3)
Surges (shocks):
IEC61000-4-5 (GB/T 17626.5): 2 kV power supply line (series 3)
1 kV I/O signal line (series 4)
Approved standards
UL61010C-1,CSA C22.2 No.1010.1
Conformed standards
EN61326, EN61010-1 (IEC61010-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com