Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 47 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 47 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 43Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 44Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 45Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 46Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 47Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 48Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 49Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 50Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
E5EZ-PRR
47
Setting the Input Type
The Controller supports four input types: platinum resistance thermometer, thermocouple, infrared
temperature sensor, and analog inputs. Set the input type that matches the sensor that is used. In the
product specifications, there are models with thermocouple/resistance thermometer inputs (universal
input) and models with analog input. The settings differ depending on the model.
Check to make sure which model you are using.
List of Input Types
The default is "5"
The default is "0"
Input Type
Specifications
Set value
Input temperature setting range
Platinum
Resistance
Thermometer
Pt100
0
−200 to 850 (°C)
/
−300 to 1500 (°F)
1
−199.9 to 500.0 (°C)
/
−199.9 to 900.0 (°F)
2
0.0 to 100.0 (°C)
/ 0.0 to 210.0 (°F)
JPt100
3
−199.9 to 500.0 (°C)
/
−199.9 to 900.0 (°F)
4
0.0 to 100.0 (°C)
/ 0.0 to 210.0 (°F)
Thermocouple
K
5
−200 to 1300 (°C)
/
−300 to 2300 (°F)
6
−20.0 to 500.0 (°C)
/ 0.0 to 900.0 (°F)
J
7
−100 to 850 (°C)
/
−100 to 1500 (°F)
8
−20.0 to 400.0 (°C)
/ 0.0 to 750.0 (°F)
T
9
−200 to 400 (°C)
/
−300 to 700 (°F)
22
−199.9 to 400.0 (°C)
/
−199.9 to 700.0 (°F)
E
10
0 to 600 (°C)
/ 0 to 1100 (°F)
L11
−100 to 850 (°C)
/
−100 to 1500 (°F)
U
12
−200 to 400 (°C)
/
−300 to 700 (°F)
23
−199.9 to 400.0 (°C)
/
−199.9 to 700.0 (°F)
N13
−200 to 1300 (°C)
/
−300 to 2300 (°F)
R
14
0 to 1700 (°C)
/ 0 to 3000 (°F)
S
15
0 to 1700 (°C)
/ 0 to 3000 (°F)
B
16
100 to 1800 (°C)
/ 300 to 3200 (°F)
Infrared
temperature
sensor,
ES1B
10°C to 70°C
17
0 to 90 (°C)
/ 0 to 190 (°F)
60°C to 120°C
18
0 to 120 (°C)
/ 0 to 240 (°F)
115°C to 165°C
19
0 to 165 (°C)
/ 0 to 320 (°F)
140°C to 260°C
20
0 to 260 (°C)
/ 0 to 500 (°F)
Analog Input
0 to 50 mV
21
Either of the following ranges, by scaling:
−1999 to 9999 or −199.9 to 999.9
Input Type
Specifications
Set value
Input temperature setting range
Analog Input
Type
Current
Input
4 to 20 mA
0
Use the following scales based on the
range of measurements:
−1999 to 9999
−199.9 to 999.9
−19.99 to 99.99
−1.999 to 9.999
0 to 20 mA
1
Voltage
Input
1 to 5 V
2
0 to 5 V
3
0 to 10 V
4
in-t
5
l.ini
Input Types
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com