Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 61 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 61 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 56Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 57Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 58Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 59Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 60Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 61Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 62Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 63Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 64Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
E5EZ-PRR
61
Mounting (E5EZ-PRR)
1. Insert the E5EZ-PRR into the mounting hole in the panel from the
front.
2. Push the mounting bracket along the E5EZ-PRR body from the
terminals up to the panel, and secure it temporarily.
3. Tighten the fixing screw on each mounting bracket alternately until
the ratchet stops tightening.
E5EZ-PRR
Removing the Temperature Controller from the
Case
To remove the Temperature Controller from case, use a suitable
Phillips screwdriver for the screw located at the bottom on the front
panel.
1. Insert the tools (see drawing above) into the slots (one on the top
and one on the bottom) and release the hooks.
2. Insert the tool in the space between the front and rear panels and
slightly pull out the front panel. Hold the top and bottom of the front
panel and pull toward yourself to remove it.
3. Match up the upper and lower claws with the connection points
and insert the Option Unit. Mount the Option Unit in the center.
4. Insert the Unit into the rear case until you hear a click. When
inserting the Unit, press down the hooks on the top and bottom of
the rear case so that they firmly hook on the inserted Unit. Make
sure that electronic parts do not come in contact with the case.
E5EZ-PRR
Precautions when Wiring
• Separate input leads and power lines in order to prevent external
noise.
• Use wires with a gage of AWG24 (cross-sectional area:
0.205 mm2) to AWG14 (cross-sectional area: 2.081 mm2) twisted-
pair cable (stripping length: 5 to 6 mm).
• Use crimp terminals when wiring the terminals.
• Tighten the terminal screws to a torque of 0.74 to 0.9 N·m.
• Use the following types of crimp terminals for M3.5 screws.
• Do not remove the terminal block. Doing so will result in
malfunction or failure.
Panel
Mounting
bracket
A
M
PV
PV
SV
SV
MV
MV
(3)
(1)
(2)
(1)
Tool insertion hole
A
M
PV
PV
SV
SV
MV
MV
Flat-blade screwdriver
(Unit: mm)
7.2 mm max.
7.2 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com