Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 14Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 15Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 16Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 17Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 18Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 19Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 20Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 21Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
E5AZ/E5EZ
18
Input Ranges
Thermocouples/Platinum Resistance Thermometers (Universal Inputs)
Models with Analog Inputs
Input
Type
Platinum resistance
thermometer
Thermocouple
Infrared temperature
sensor
Analog
input
Name
Pt100
JPt100
K
J
T
E
L
U
N
R
S
B
10 to
70
°C
60 to
120
°C
115 to
165
°C
140 to
260
°C
0 to 50 mV
1800
1700
1600
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
−100.0
−200.0
1800
Usable in
the
following
ranges by
scaling:
−1999 to
9999 or
−199.9 to
999.9
1700
1700
1300
1300
850
850
850
600
500.0
500.0
500.0
400.0
400
400.0
400
400.0
260
120
165
100.0
100.0
90
100
0.0
0.0
0
0
0
0
0
0
0
−20.0
−100
−20.0
−100
−200
−199.9
−199.9
−200
−200
−199.9
−200
−199.9
−200
Setting
number
01234
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Input Type
Current
Voltage
Input specification
4 to 20mA 0 to 20 mA 1 to 5 V
0 to 5 V
0 to 10 V
Setting range
Usable in the following ranges by scaling:
−1999 to 9999, −199.9 to 999.9, −19.99 to 99.99 or
−1.999 to 9.999
Setting number
0
1
2
3
4
Shaded settings are the default settings.
The applicable standards for the input types
are as follows:
K, J, T, E, N, R, S, B: IEC 584-1
L: Fe-CuNi, DIN 43710-1985
U: Cu-CuNi, DIN 43710-1985
Pt100: IEC 751
JPt100: JIS C 1604-1989, JIS C 1606-1989
Shaded settings are the default settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com