Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2T Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 16Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 17Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 18Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 19Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 20Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 21Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 22Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 23Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
E5AZ/E5EZ
20
Characteristics
Note: 1. The indication accuracy of K thermocouples in the
−200 to
1300
°C range, T and N thermocouples at a temperature of
−100°C max., and U and L thermocouples at any
temperature is
±2°C ±1 digit maximum. The indication
accuracy of the B thermocouple at a temperature of 400
°C
max. is not specified. The indication accuracy of the R and
S thermocouples at a temperature of 200
°C max. is ±3°C ±1
digit max.
2. Conditions: Ambient temperature:
−10°C to 23°C to 55°C,
Voltage range:
−15% to +10% of rated voltage
3. “EU” stands for Engineering Unit and is used as the unit
after scaling. For a temperature sensor, the EU is
°C or °F.
4. B, R, and S sensors: 0.2
°C/Ω max. (100 Ω max.)
5. When using the E53-AZB, E53-AZ01, or E53-AZ03 Option
Unit with the E5AZ-
@3@M@@ to satisfy the immunity burst
requirements in the EN 61326 standard, always connect a
ZCAT2035-0930 Clamp Filter (manufactured by TDK) to the
cable for terminals 11, 12, and 13.
USB-Serial Conversion Cable
Note: A driver must be installed in the personal computer. Refer to
installation information in the operation manual for the
Conversion Cable.
Communications Specifications
Note: The baud rate, data length, stop bits, and vertical parity can be
individually set using the Communications Setting Level.
Current Transformer (Order Separately)
Ratings
Indication accuracy
Thermocouple: (See note 1.)
(
±0.5% of indicated value or ±1°C, whichever is greater) ±1
digit max.
Platinum resistance thermometer:
(
±0.5% of indicated value or ±1°C, whichever is greater) ±1
digit max.
Analog input:
±0.5% FS ±1 digit max.
CT input:
±5% FS ±1 digit max.
Influence of tempera-
ture (See note 2.)
R, S, and B thermocouple inputs:
(
±1% of PV or ±10°C, whichever is greater) ±1 digit max.
Other thermocouple inputs:
(
±1% of PV or ±4°C, whichever is greater) ±1 digit max.
*
±10°C for −100°C or less for K sensors
Platinum resistance thermometer inputs:
(
±1% of PV or ±2°C, whichever is greater) ±1 digit max.
Analog inputs:
(
±1% of FS) ±1 digit max.
Influence of voltage
(See note 2.)
Hysteresis
Models with thermocouple/platinum resistance thermometer
input (universal input):
0.1 to 999.9 EU (in units of 0.1 EU) (See note 3.)
Models with analog input:
0.01 to 99.99% FS (in units of 0.01% FS)
Proportional band (P)
Models with thermocouple/platinum resistance thermometer
input (universal input):
0.1 to 999.9 EU (in units of 0.1 EU) (See note 3.)
Models with analog input:
0.1 to 999.9% FS (in units of 0.1% FS)
Integral time (I)
0 to 3999 s (in units of 1 s)
Derivative time (D)
0 to 3999 s (in units of 1 s)
Control period
0.5, 1 to 99 s (in units of 1 s)
Manual reset value
0.0 to 100.0% (in units of 0.1%)
Alarm setting range
−1999 to 9999 (decimal point position depends on input type)
Sampling period
250 ms
Affect of signal source
resistance
Thermocouple: 0.1
°C/Ω max. (100 Ω max.) (See note 4.)
Platinum resistance thermometer: 0.4
°C/Ω max. (10 Ω max.)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50 or 60 Hz for 1 min (between terminals with
different charge)
Vibration
resis-
tance
Malfunction
10 to 55 Hz, 20 m/s2 for 10 min each in X, Y, and Z directions
Destruction
10 to 55 Hz, 0.75-mm single amplitude for 2 hrs each in X, Y,
and Z directions
Shock
resis-
tance
Malfunction
100 m/s2 min., 3 times each in X, Y, and Z directions
Destruction
300 m/s2 min., 3 times each in X, Y, and Z directions
Weight
E5AZ
Controller: Approx. 300 g, Mounting Bracket: Approx. 100 g
E5EZ
Controller: Approx. 250 g, Mounting Bracket: Approx. 100 g
Degree of protection
Front panel: IP66 (indoor use),
Rear case: IP20, Terminals: IP00
Memory protection
Non-volatile memory (number of writes: 1,000,000 times)
EMC
Emission Enclosure: EN55011 Group1 Class A
Emission AC Mains: EN55011 Group1 Class A
Immunity ESD:
EN61000-4-2 4 kV contact discharge (level
2)
8 kV air discharge (level 3)
Immunity RF-interference:
EN61000-4-3 10 V/m
(80-1000 MHz, 1.4-2.0 GHz amplitude
modulated) (level 3)
10 V/m (900 MHz pulse modulated)
Immunity Conducted Disturbance:
EN61000-4-6 3 V
(0.15 to 80 MHz) (level 2)
Immunity Burst:
EN61000-4-4 2 kV Power-line (level 3)
1 kV I/O signal-line (level 3) (See note 5.)
Immunity Surge: EN61000-4-5 1kV line to line
Power line, output line (relay output)
2 kV line to ground
Power line, output line (relay output)
1 kV line to ground
Input line (communication)
Immunity Voltage Dip/Interrupting:
EN61000-4-11 0.5 cycle, 100% (rated
voltage)
Approved standards
UL 61010C-1
CSA C22.2 No.1010.1
Conformed standards
EN61326, EN61010-1, IEC61010-1
VDE0106 Part 100 (Finger protection), when the terminal
cover is mounted.
Applicable OS
Windows 2000/XP/Vista
Applicable software
Thermo Mini
Applicable models
E5CZ/E5CZ-U/E5AZ/E5EZ
USB interface standard
Conforms to USB Specification 1.1.
DTE speed
38400 bps
Connector specifications
Computer: USB (type A plug)
Temperature Controller: Setup Tool port
(on bottom of Controller)
Power supply
Bus power (Supplied from USB host
controller.)
Power supply voltage
5 VDC
Current consumption
70 mA
Ambient operating temperature
0 to 55°C (with no condensation or icing)
Ambient operating humidity
10% to 80%
Storage temperature
−20 to 60°C (with no condensation or
icing)
Storage humidity
10% to 80%
Altitude
2,000 m max.
Weight
Approx. 100 g
Transmission line con-
nection method
RS-485 multipoint
RS-232C
Communications
RS-485 (two-wire, half duplex), RS-232C
Synchronization
method
Start-stop synchronization
Baud rate
1200, 2400, 4800, 9600, 19200, or 38400 bps
Transmission code
ASCII
Data length (See note.) 7 or 8 bits
Stop bits (See note.)
1 or 2 bits
Error detection
Vertical parity (none, even, odd)
Frame check sequence (FCS) with SYSWAY
Block check character (BCC) with CompoWay/F or
CRC-16 Modbus
Flow control
None
Interface
RS-485, RS-232C
Retry function
None
Communications
buffer
40 bytes
Send data wait time
0 to 99 ms
Default: 20 ms
Dielectric strength 1,000 VAC for 1 min
Vibration
resistance
50 Hz, 98 m/s2
Weight
E54-CT1: Approx. 11.5 g, E54-CT3: Approx.
50 g
Accessories
(E54-CT3 only)
Armatures (2)
Plugs (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com