Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EB3C Datasheet HTML 7Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 8Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 9Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 10Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 11Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 12Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 13Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 14Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
120 types of pilot lights and buzzers can be connected.
Illuminated pushbuttons and illuminated selector switches can be connected
by combining with the EB3C relay barrier.
No grounding required.
Types
Accessories
Power Voltage
Number of
Channels
Connection to
Non-intrinsically
Safe Circuit
Input Wiring Method
Output
Type No.
100 to 240V AC
1
Screw Terminal
Separate/Common
Wiring Compatible
Transistor
Source
EB3L-S01SA
2
EB3L-S02SA
3
EB3L-S03SA
6
EB3L-S06SA
10
EB3L-S10SA
Sink
EB3L-S10KA
24V DC
8
Common Wiring Only
Source
EB3L-S08CSD
10
Separate/Common
Wiring Compatible
EB3L-S10SD
16
Common Wiring Only
EB3L-S16CSD
Sink
EB3L-S16CKD
Connector
Source
EB3L-S16CSD-C
Sink
EB3L-S16CKD-C
Name
Type No.
Order No.
Package Quantity
Description
DIN Rail
BAA1000
BAA1000PN10
10
Aluminum (1 m long)
BAP1000
BAP1000PN10
10
Steel (1 m long)
Mounting Clip
BNL5
BNL5PN10
10
For fastening EB3L
units on the DIN rail.
BNL6
BNL6PN10
10
• IEC60079 compliant
• Compact and lightweight (46% footprint and 36% weight com-
pared to IDEC’s 10-circuit IBPL)
• 8- and 16-circuit types are available in common wiring types,
ideal for connection to PLCs. 16-circuit types are also available
with a connector.
• Universal AC power voltage (100 to 240V AC)
• No grounding required
• IDEC’s original spring-up terminal minimizes wiring time.
• Installation
35-mm-wide DIN rail mounting or direct screw mounting
• ø6, ø8, ø10, ø22 and ø30 pilot lights available
• Illuminated pushbuttons and illuminated selector switches can be
connected by combining with the EB3C relay barrier.
Illumination colors: Amber, blue, green, red, white, and yellow
(pushlock turn reset type: red only)
• Continuous and intermittent sound types are available for buzz-
ers (ø30).
• Global usage
USA:
FM
Canada: CSA
Europe: CE marking, ATEX
Japan:
TIIS
• Ship class: ClassNK (Japan)
Explosion protection
Lamp Barrier
[Exia] II C
Pilot Light (separate wiring)
Exia II CT6
Pilot Light (common wiring)
Exia II CT4
Illuminated Pushbutton
Exia II CT4
Illuminated Selector Switch
Exia II CT4
Buzzer (separate wiring)
Exia II CT6
Connector Type
EB3L Lamp Barrier
INTRINSIC SAFETY LAMP BARRIER
EB3C-3L catalog Page 11 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com