Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button EB3C Datasheet HTML 6Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 7Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 8Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 9Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 10Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 11Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 12Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 13Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
AS-Interface Components
EB3C Relay Barrier
Precautions for Operation
4. Output Specifications
(1) When wiring the output from the EB3C, connect the non-
intrinsically safe circuit to terminals A and C. The EB3C out-
put circuit is not equipped with short-circuit protection. If
required, provide a protection in the external circuit.
(2) Relay Output
Some types of loads generate reverse emf (such as sole-
noids) or cause a large inrush current (incandescent
lamps), resulting in a shorter operation life of output relay
contacts. The operation life of contacts can be extended by
preventing the reverse emf using a diode, RC, or varistor, or
by suppressing the inrush current using a resistor or RL.
Contacts are made of gold-clad silver. When using at a
small current and a low voltage (reference value: 0.1 mA,
0.1V), test the contact on the actual circuit in advance.
(3) Transistor Output
When connecting a small load, the load may not turn off
because of a leakage current, even though the transistor
output is turned off. If this is the case, connect a resistor in
parallel with the load to bypass the leakage current.
When an excessively high voltage (clamps at 33V, 1W) or a
reverse voltage is applied to the output terminals, the
clamping circuit or output transistor may be damaged.
When driving an inductive load, be sure to connect a diode
across the load to absorb reverse emf.
(4) In the common wiring only types, the output terminals are
not isolated from each other.
(5) When connecting the connector type EB3C’s in parallel,
use one power supply to power the EB3C’s. Do not connect
any wiring to the C1 and C2 terminals.
5. Wiring for Intrinsic Safety
(1) The voltage applied on the general circuit connected to the
non-intrinsically safe circuit terminals of the EB3C relay bar-
rier must be 250V AC, 50/60Hz, or 250V DC at the maxi-
mum under any conditions, including the voltage of the
input power and the internal circuit.
(2) When wiring, take into consideration the prevention of elec-
tromagnetic and electrostatic charges on intrinsically safe
circuits. Also, prevent intrinsically safe circuits from contact-
ing with other circuits.
(3) The intrinsically safe circuits must be separated from non-
intrinsically safe circuits. Contain intrinsically safe circuits in
a metallic tube or duct, or separate the intrinsically safe cir-
cuits referring to the table below.
Note: Cables with a magnetic shield, such as a metallic sheath, prevent elec-
tromagnetic induction and electrostatic induction, however, a non-
magnetic shield prevents electrostatic induction only. For non-mag-
netic shields, take a preventive measure against electromagnetic
induction.
Finely twisted pair cables prevent electromagnetic induc-
tion. Adding shields to the twisted pair cables provides pro-
tection against electrostatic induction.
Minimum Parallel Distance between the Intrinsically
Safe Circuit and Other Circuits (mm)
(4) When identifying intrinsically safe circuits by color, use light
blue terminal blocks and cables.
(5) When using two or more EB3C’s to set up one intrinsically
safe circuit in the common wiring configuration, intercon-
nect two neutral terminals (N1 through N10) on each EB3C
between adjacent EB3C’s in parallel.
(6) Make sure that the power of the EB3C and contact are
turned off before starting inspection or replacement.
Note: For the details of wiring the intrinsically safe circuits, refer to a relevant
test guideline for explosion-proof electric equipment in each country.
*
Load
An
Cn
*: Surge Absorber
Example of Overvoltage Absorption Circuit
Voltage and
Current of Other
Circuits
Over 100A
100A or less
50A or less
10A or less
Over 440V
2000
2000
2000
2000
440V or less
2000
600
600
600
220V or less
2000
600
600
500
110V or less
2000
600
500
300
60V or less
2000
500
300
150
EB3C-3L catalog Page 10 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com