Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button EB3C Datasheet HTML 10Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 11Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 12Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 13Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 14Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 15Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 16Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 17Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
AS-Interface Components
EB3L Lamp Barrier
Internal Circuit Block Diagram
Allowable Inductance/Capacitance for Intrinsically Safe External Wiring
Keep the inductance (Lw) and capacitance (Cw) for the external wiring in the intrinsically safe circuit as shown below:
Lw
≤ Lo – Li, Cw ≤ Co – Ci
where Lo is the maximum external inductance, Li is the internal inductance, Co is the maximum external capacitance, and Ci
is the internal capacitance.
Dimensions
• Terminal Type
• Connector Type
P1 N1 P2 N2 P3 N3
S1
N
L
C1S2C2S3C3
~
Green
Yellow
Yellow
Yellow
+–
+–
+
P1
P16 N1
N2
S1
• • • •
• • • •
S16 C1 C2
Green
Yellow
Yellow
+
~
~
~
P1 N1 P2 N2 P3 N3
S1 C1 S2 C2 S3 C3
Green
Yellow
Yellow
Yellow
+
+–
+–
+
~
~
~
Non-hazardous Area
Hazardous Area
AC Power
DC Power
Connector Wiring
Source Input Type
Sink Input Type
Source Input Type
10
10
10
10
28
51
97
97
10
42
171.5
110.5
65
77.5
EB3L–S02
EB3L–S03
EB3L–S06
EB3L–S08C
EB3L–S10
EB3L–S16C
EB3L–S01
2-M4 tapped or
2-ø4.5 mounting holes
4-M4 tapped or
4-ø4.5 mounting holes
2-M4 tapped or
2-ø4.5 mounting holes
2-M4 tapped or
2-ø4.5 mounting
holes
ø6 hole
Intrinsic Safety Side:
Light Blue
Non-Intrinsic Safety Side:
Yellow
Mounting Hole Layout (Screw Mounting)
83.5
ø6
97
171.5
10
10
97
4-M4 or 4-ø4.5 holes
Mounting Hole Layout
6 to 8 mm
5.4 min.
3 max.
ø3 min.
6 to 8 mm
Solid Wire
Stranded Wire (Ferrule)
Stripping the Wire End
Applicable Crimping Termin
All dimensions in mm.
EB3C-3L catalog Page 14 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com