Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EB3C Datasheet HTML 1Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 2Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 3Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 4Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 5Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 6Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 7Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 8Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
No grounding
required
Easy-to-operate Intrinsically Safe
Lamp Barriers for Worldwide
Compact and
Lightweight
198 mm
171.5 mm
EB3C/EB3L
(10-circuit)
0.4 kg
IBRC6101R
1.1 kg
46% footprint, 36% weight.
(Compared with IDEC’s
IBRC 10-circuit type)
Required (AC/DC)
Worldwide Usage
• Universal AC power voltage
(100 to 240V AC)
• Compliance with US, Canadian,
European, and Japanese (TIIS)
standards
Easy-to-operate Intrinsically Safe
No Grounding
Lamp Barrier
Relay Barrier
IBPL610
∗E
Lamp Barriers for Worldwide
EB3C-3L catalog Page 2 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com