Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EB3C Datasheet HTML 1Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 2Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 3Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 4Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 5Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 6Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 7Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 8Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
EB3C Relay Barrier
Explosion-Protection and Electrical Specifications
Note: Values in ( ) are those approved by TIIS (Technology Institution of
Industrial Safety, Japan).
Certification No.
Note: For details about switches, see “Switch Explosion-Protection Specifica-
tions” on page 5 and “3. Switches in the Hazardous Area” on page 9.
General Specifications
Switch Explosion-Protection Specifications (TIIS Japan)
Simple apparatuses in accordance with relevant standards of each country can be
installed in the hazardous area and connected to the EB3C located in the safe
area. In Japan, any switches, though regarded as simple apparatuses, must be cer-
tified for explosion-proof devices. EB9Z-A and EB9Z-A1 are IDEC’s generic Type
No. of any single apparatuses certified by TIIS Japan for use with the EB3C, there-
fore simple apparatuses with specifications shown below can be used as those
approved by the Japanese explosion-proof certification.
Note: For details, see “3. Switches in the Hazardous Area” on page 9.
Explosion Protection
Intrinsic safety type
(IEC compliant) [Exia] II C
Degree of Protection
IP20 (IEC60529)
Relay Barrier
Safe indoor place
(non-hazardous area)
Switch
For zone 0, 1, 2 hazardous areas
Non-intrinsically Safe Circuit
Maximum Voltage (Um)
250V AC 50/60Hz, 250V DC
Wiring Method
1-channel
Separate Wiring
16-channel
Common Wiring
Rated Operating Voltage
12V DC ±10%
Rated Operating Current
10 mA DC ±20%
Maximum Output Voltage (Uo)
13.2V DC
Maximum Output Current (lo)
14.2 mA
227.2 mA
Maximum Output Power (Po)
46.9 mW
750 mW
Maximum External Inductance (Lo)
(Note)
175 (125) mH
0.68 (0.68) mH
Maximum External
Capacitance (Co)
(Note)
900 (740) nF
Allowable Wiring Resistance (Rw)
300
Ω
600/(n+1)
Ω
(n = number of
common
channels)
Maximum Channels per
Common Line
–16
Contact Configuration
1NO
Rated Insulation Voltage (Ui)
250V AC, 125V DC
Thermal Current (lth)
3A (common terminal: 8A)
Resistive Load
AC: 750 VA, DC: 72W
Inductive Load
AC: 750 VA (cos ø = 0.3 to 0.4)
DC: 48W (L/R = 7 ms)
Resistive Load
250V AC 3A, 24V DC 3A
Inductive Load
250V AC 3A (cos ø = 0.3 to 0.4)
24V DC 2A (L/R = 7 ms)
Minimum Applicable Load
0.1V DC, 0.1 mA (reference value)
Contact Resistance
50 m
Ω maximum (initial value)
Turn ON Time
12 ms maximum (rated voltage)
Turn OFF Time
10 ms maximum (rated voltage)
Mechanical Life
20,000,000 operations minimum
(at 18,000 operations/hour, without
load)
Electrical Life
100,000 operations minimum
(at 1,800 operations/hour, rated load)
Short-circuit Protection
None
Rated Voltage
24V DC
Maximum Voltage
30V DC
Maximum Current
100 mA (connector type: 15 mA)
Leakage Current
0.1 mA maximum
Voltage Drop
1V maximum
Clamping Voltage
33V (1W)
Inrush Current
0.5A maximum (1 sec)
Turn ON Time
0.1 ms maximum (resistive load)
Turn OFF Time
0.4 ms (typical) (resistive load)
Short-circuit Protection
None
Certification
Organization
Explosion Protection
Certification No.
FM
Class I, II, III Div. 1
Group A, B, C, D, E, F, G
3015417 (terminal type)
3019223 (connector type)
Class I, Zone 0 AEx [ia] IIC
CSA
Class I Div. 1 Group A, B, C, D
166730
NEMKO
[EExia] II C
Nemko 02ATEX279
TIIS Japan
Relay barrier:
[Exia] II C
C15753
Switch (EB9Z-A):
Exia II CT6
C15758
Switch (EB9Z-A1):
Exia II BT6
C15961
ClassNK
Exia II C
02T606
Power Voltage Type
AC Power Type
DC Power Type
Rated Power Voltage
100 to 240V AC
24V DC
Allowable Voltage
Range
85 to 264V AC
21.6 to 26.4V DC
Rated Frequency
50/60 Hz (allowable range:
47 to 63 Hz)
Inrush Current
10A (100V AC)
20A (200V AC)
10A
Dielectric Strength
(1 minute, 1 mA)
Between intrinsically safe circuit and non-intrinsically
safe circuit:1500V AC
Between AC power and output terminal: 1500V AC
Between DC power and transistor output terminal:
1000V AC
Operating Temperature –20 to +60°C (no freezing)
Storage Temperature
–20 to +60°C (no freezing)
Operating Humidity
45 to 85% RH (no condensation)
Atmosphere
800 to 1100 hPa
Pollution Degree
2 (IEC60664)
Insulation Resistance
10 M
Ω minimum (500V DC megger, between the same
poles as the dielectric strength)
Damage Limits
Panel mounting:
10 to 55 Hz, amplitude 0.75 mm
DIN rail mounting: 10 to 55 Hz, amplitude 0.35 mm
Operation
Extremes
(relay output
only)
Panel mounting:
10 to 55 Hz, amplitude 0.5 mm
DIN rail mounting: 10 to 55 Hz, amplitude 0.35 mm
Damage Limits
Panel mounting:
500 m/s2 (3 times each on X, Y, Z)
DIN rail mounting: 300 m/s2 (3 times each on X, Y, Z)
Terminal Style
M3 screw terminal
Mounting
35-mm-wide DIN rail or panel mounting (M4 screw)
Power Consumption
(approx.)
9.6 VA (EB3C-R10A at 200V AC)
4.8 W (EB3C-R16CD at 24V DC)
Weight (approx.)
0.39 kg (EB3C-R16CD)
Switch Type No.
EB9Z-A
EB9Z-A1
Explosion Proof
Exia II CT6
Exia II BT6
Operating Temperature –20 to +60°C (no freezing)
Operating Humidity
45 to 85% RH (no condensation)
Degree of Protection
IP20
Dielectric Strength
500V AC, 1 mA
Intrinsic Safety Ratings
and Parameters
1-channel Separate Wiring
Maximum input voltage (Ui): 13.2V
Maximum input current (Ii): 14.2 mA
Maximum input power (Pi): 46.9 mW
Internal inductance (Li):
≤ 5 µH
Internal capacitance (Ci):
≤ 2 nF
16-channel Common Wiring
Maximum input voltage (Ui): 13.2V
Maximum input current (Ii): 227.2 mA
Maximum input power (Pi): 750 mW
Internal inductance (Li):
≤ 80 µH
Internal capacitance (Ci):
≤ 32 nF
Enclosure Material
Metallic: Magnesium content must be 6% or less
(steel and aluminum are acceptable)
Plastic: Switch operator
exposed area
IIC: 20 cm2 maximum
IIB: 100 cm2 maximum
When the switch has a
wider exposed area, attach
a caution label as shown at
right.
Switch Ratings
Contact rating:
Ui, Ii minimum
Contact resistance:
0.5
Ω maximum
Cross sectional area of wire: 0.000962 mm2 maximum
Printed circuit board: Thickness 0.5 mm minimum
Copper foil width 0.15 mm
minimum
Thickness 18 µm minimum one/
both side(s)
A resistor to prevent contact welding and an LED can be
connected to 1-channel separate wiring circuits. Consult
IDEC for details.
To prevent electrostatic
charges, do not rub the
switch surface during
operation. Use a soft
cloth dipped with water
for cleaning.
Caution
Caution Label Example
EB3C-3L catalog Page 5 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com