Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button EB3C Datasheet HTML 9Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 10Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 11Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 12Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 13Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 14Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 15Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 16Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
EB3L Lamp Barrier
Explosion-Protection and Electrical Specifications
General Specifications
General Specifications of Pilot Light, Illuminated
Pushbutton, Illuminated Selector Switch, and Buzzer
Note: Connect buzzers in separate wring. Buzzers cannot be used in com-
mon wiring.
Certification No.
Note: Illuminated switches, pilot lights, and miniature pilot lights are certified
by TIIS Japan and NK Japan only. FM, CSA, and NEMKO regard these
units as simple apparatus, and require no certification.
Explosion Protection
Intrinsic safety type
(IEC compliant) [Exia] II C
Degree of Protection
IP20 (IEC60529)
Lamp Barrier
Safe indoor place (non-hazardous area)
Pilot Light, Illuminated Switch,
Buzzer
For zone 0, 1, 2 hazardous areas
Non-intrinsically Safe Circuit
Maximum Voltage (Um)
250V AC 50/60Hz, 250V DC
Operation
Input ON, Output ON (1:1)
Wiring Method
1-channel
Separate Wiring
16-channel
Common Wiring
Rated Operating Voltage
12V DC
Rated Operating Current
10 mA DC
Maximum Output Voltage (Uo)
13.2V DC
Maximum Output Current (lo)
14.2 mA
227.2 mA
Maximum Output Power (Po)
46.9 mW
750 mW
Maximum External Inductance
(Lo)
(Note)
125 mH
0.68 mH
Maximum External
Capacitance (Co)
(Note)
740 nF
Allowable Wiring Resistance (Rw)
200/(n+1)
Ω
(n = number of common channels)
Maximum Channels per
Common Line
16
Voltage and Current when
Connecting Control Units
Pilot light:
3.5V, 8.5 mA
Miniature pilot light:
2V, 10 mA
Illuminated switch:
3.5V, 8.5 mA
Buzzer:
6.5V, 5.5 mA
Non-intrinsically Safe Circuits
(Signal Input)
Rated voltage: 24V DC
Rated current: 5 mA
(connector type: 4 mA)
Power Voltage Type
AC Power Type
DC Power Type
Rated Power Voltage
100 to 240V AC
24V DC
Allowable Voltage
Range
85 to 264V AC
21.6 to 26.4V DC
Rated Frequency
50/60 Hz (allowable range:
47 to 63 Hz)
Inrush Current
10A (100V AC)
20A (200V AC)
10A
Dielectric Strength
(1 minute, 1 mA)
Between intrinsically safe circuit and non-intrinsically
safe circuit:1500V AC
Between AC power and signal input: 1500V AC
Operating Temperature –20 to +60°C (no freezing)
Storage Temperature
–20 to +60°C (no freezing)
Operating Humidity
45 to 85% RH (no condensation)
Atmosphere
800 to 1100 hPa
Pollution Degree
2 (IEC60664)
Insulation Resistance
10 M
Ω minimum (500V DC megger, between the same
poles as the dielectric strength)
Damage Limits
Panel mounting:
10 to 55 Hz, amplitude 0.75 mm
(2 hours each on X, Y, Z)
DIN rail mounting: 10 to 55 Hz, amplitude 0.35 mm
(2 hours each on X, Y, Z)
Damage Limits
Panel mounting:
500 m/s2 (3 times each on X, Y, Z)
DIN rail mounting: 300 m/s2 (3 times each on X, Y, Z)
Terminal Style
M3 screw terminal
Mounting
35-mm-wide DIN rail or panel mounting (M4 screw)
Power Consumption
(approx.)
8.8 VA (EB3L-S10SA at 200V AC)
5.2 W (EB3L-S16CSD at 24V DC)
Weight (approx.)
0.35 kg (EB3L-S16CSD)
Operating Temperature
–20 to +60°C (no freezing)
Operating Humidity
45 to 85% RH (no condensation)
Dielectric Strength
(1 mA, 1 minute)
EB3P: 1000V AC
IPL1:
500V AC
(between intrinsically safe circuit and dead parts)
Insulation Resistance
10 M
Ω minimum (500V DC megger, between the
same poles as the dielectric strength)
Degree of Protection
IP65 (IEC60529) (except for terminals)
EB3P-LU/IPL1: IP40
Lens/Illumination
Color
Pilot light: Amber, blue, green, red, white, yellow
Miniature pilot light: Amber, green, red, white, yellow
Intrinsic Safety
Ratings and
Parameters
1-channel Separate Wiring
Maximum input voltage (Ui): 13.2V
Maximum input current (Ii): 14.2 mA
Maximum input power (Pi): 46.9 mW
Internal inductance (Li):
≤ 5 µH
Internal capacitance (Ci):
≤ 2 nF
16-channel Common Wiring
Maximum input voltage (Ui): 13.2V
Maximum input current (Ii): 227.2 mA
Maximum input power (Pi): 750 mW
Internal inductance (Li):
≤ 80 µH
Internal capacitance (Ci):
≤ 32 nF
Degree of Protection
IP65 (IEC60529) (except for terminals)
EB3P-LSAW
∗∗: IP54
Illumination Color
Amber, blue, green, red, white, yellow
Contact
Voltage/Current
12V DC ±10%, 10 mA ±20%
(when connecting to the EB3C)
Intrinsic Safety
Ratings and
Parameters
16-channel Common Wiring
Maximum input voltage (Ui): 13.2V
Maximum input current (Ii): 227.2 mA
Maximum input power (Pi): 750 mW
Internal inductance (Li):
≤ 80 µH
Internal capacitance (Ci):
≤ 32 nF
Degree of Protection IP20 (IEC60529) (except for terminals)
Sound Volume
75 dB minimum (at 1 m)
Sound Source
Piezoelectric oscillator (continuous or intermittent)
Intrinsic Safety
Ratings and
Parameters
1-channel Separate Wiring
Maximum input voltage (Ui): 13.2V
Maximum input current (Ii): 14.2 mA
Maximum input power (Pi): 46.9 mW
Internal inductance (Li):
≤ 100 mH
Internal capacitance (Ci):
≤ 260 nF
Certification
Organization
Type
Explosion Protection
Certification
No.
FM
Lamp Barrier
Class I, II, III Div. 1
Group A, B, C, D, E, F, G
3019223
Class I, Zone 0 AEx [ia] IIC
Buzzer
Class I, II, III Div. 1
Group A, B, C, D, E, F, G
T6
Class I, Zone0 AExiaIICT6
CSA
Lamp Barrier
Class I Div. 1
Group A, B, C, D
166730
Buzzer
Class I Div. 1
Group A, B, C, D T6
NEMKO
Lamp Barrier
[EExia] II C
Nemko
02ATEX279
Buzzer
Exia IICT6
Nemko
03ATEX1628X
TIIS Japan
Lamp barrier
[Exia] II C
C16355
Pilot light/miniature
pilot light
(separate wiring)
Exia II CT6
C16361
Pilot light/miniature
pilot light
(common wiring)
Exia II CT4
C16360
Illuminated switch
Exia II CT4
C16362
Buzzer
Exia II CT6
C16363
ClassNK
Lamp barrier
Exia II C
02T606
Buzzer
Exia II CT6
04T605
EB3C-3L catalog Page 13 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com